Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP5NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP5NK90Z
Description  N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP5NK90Z Datasheet HTML 1Page - STMicroelectronics STP5NK90Z Datasheet HTML 2Page - STMicroelectronics STP5NK90Z Datasheet HTML 3Page - STMicroelectronics STP5NK90Z Datasheet HTML 4Page - STMicroelectronics STP5NK90Z Datasheet HTML 5Page - STMicroelectronics STP5NK90Z Datasheet HTML 6Page - STMicroelectronics STP5NK90Z Datasheet HTML 7Page - STMicroelectronics STP5NK90Z Datasheet HTML 8Page - STMicroelectronics STP5NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STP5NK90Z - STF5NK90Z
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 7: On /Off
Table 8: Dynamic
Table 9: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
(3) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source Breakdown
Voltage
ID = 1 mA, VGS = 0
900
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
± 10
µA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 100 µA
3
3.75
4.5
V
RDS(on
Static Drain-source On
Resistance
VGS = 10 V, ID = 2.25 A
2
2.5
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance VDS = 15 V , ID = 2.25 A
4.8
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
1160
105
21.5
pF
pF
pF
COSS eq (3).
Equivalent Output
Capacitance
VGS = 0 V, VDS = 0 to 720 V
65.5
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off-Delay Time
Fall Time
VDD = 450 V, ID = 2.2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19)
27
7.2
52
19
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 720 V, ID = 4.4 A,
VGS = 10 V
(see Figure 22)
41.5
6.9
21.9
58
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
4.5
18
A
A
VSD (1)
Forward On Voltage
ISD = 4.5 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 4.5 A, di/dt = 100 A/µs
VDD = 35V
(see Figure 20)
518
3.2
12.2
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 4.5 A, di/dt = 100 A/µs
VDD = 35V, Tj = 150°C
(see Figure 20)
712
4.66
13.1
ns
µC
A


Similar Part No. - STP5NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK90Z STMICROELECTRONICS-STP5NK90Z Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
More results

Similar Description - STP5NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
   N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
   N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
   N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
   N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
   N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
   N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com