Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382D-167AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1382D-167AXC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382D-167AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1382D-167AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1382D-167AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D
CY7C1382D
PRELIMINARY
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05543 Rev. *A
Revised October 28, 2004
Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200 and 167 MHz
• Registered inputs and outputs for pipelined operation
• 3.3V core power supply
• 2.5V / 3.3V I/O operation
• Fast clock-to-output times
— 2.6 ns (for 250-MHz device)
— 3.0 ns (for 200-MHz device)
— 3.4 ns (for 167-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentium interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Single Cycle Chip Deselect
• Offered in JEDEC-standard lead-free 100-pin TQFP,
119-ball BGA and 165-Ball fBGA packages
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode Option
Functional Description[1]
The CY7C1380D/CY7C1382D SRAM integrates 524,288 x 36
and 1,048,576 x 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3[2]), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWX, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to two or four bytes wide as
controlled by the byte write control inputs. GW when active
LOW causes all bytes to be written.
The CY7C1380D/CY7C1382D operates from a +3.3V core
power supply while all outputs may operate with either a +2.5
or +3.3V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
2.6
3.0
3.4
ns
Maximum Operating Current
350
300
275
mA
Maximum CMOS Standby Current
70
70
70
mA
Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of these parts.
Notes:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 fBGA package only. 119 BGA is offered only in 1 Chip Enable.


Similar Part No. - CY7C1382D-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382D-167AXC CYPRESS-CY7C1382D-167AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382D-167AXC CYPRESS-CY7C1382D-167AXC Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1382D-167AXC CYPRESS-CY7C1382D-167AXC Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382D-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com