Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 14 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 14 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
DATASHEET
S5D4100X
14
Terminal
Number
Name
TQFP
FBGA
I/O
Output
drive
current
Pull
up
down
Description
VSSC
56
61
D13
G
-
-
Internal Core Drive VSS
PWM0
57
62
D12
O
4.0mA
-
Pulse Width Modulation 0
PWM1
58
63
C13
O
4.0mA
-
Pulse Width Modulation 1
TEST
59
64
C12
I
-
down
Test Input (Pull-Down)
VCKI
60
65
B13
I
-
-
Video Clock Input in ITU-R. BT601 / VCKI_A in ITU-R.
BT656
NC
-
66
A13
-
down
No Connect
NC
-
67
B12
-
down
No Connect
YI7
61
68
A12
I
-
-
Luminance Data Input 7 / ITU-R656 Data A Input 7 [MSB]
YI6
62
69
B11
I
-
-
Luminance Data Input 6 / ITU-R656 Data A Input 6
YI5
63
70
A11
I
-
-
Luminance Data Input 5 / ITU-R656 Data A Input 5
YI4
64
71
B10
I
-
-
Luminance Data Input 4 / ITU-R656 Data A Input 4
YI3
65
72
A10
I
-
-
Luminance Data Input 3 / ITU-R656 Data A Input 3
VDDP
66
73
B9
P
-
-
I/O Pad Drive VDD (3.3V)
VSSP
67
74
A9
G
-
-
I/O Pad Drive VSS
YI2
68
75
B8
I
-
-
Luminance Data Input 3 / ITU-R656 Data A Input 2
YI1
69
76
A8
I
-
-
Luminance Data Input 3 / ITU-R656 Data A Input 1
YI0
70
77
B7
I
-
-
Luminance Data Input 3 / ITU-R656 Data A Input 0 [LSB]
CI7
71
78
A7
I
-
-
Chrominance Data Input 7 / ITU-R656 Data B Input 7
[MSB]
CI6
72
79
B6
I
-
-
Chrominance Data Input 6 / ITU-R656 Data B Input 6
CI5
73
80
A6
I
-
-
Chrominance Data Input 5 / ITU-R656 Data B Input 5
VDDC
74
81
B5
P
-
-
Internal Core Drive VDD (1.8V)
VSSC
75
82
A5
G
-
-
Internal Core Drive VSS
CI4
76
83
B4
I
-
-
Chrominance Data Input 4 / ITU-R656 Data B Input 4
CI3
77
84
A4
I
-
-
Chrominance Data Input 3 / ITU-R656 Data B Input 3
CI2
78
85
B3
I
-
-
Chrominance Data Input 2 / ITU-R656 Data B Input 2
CI1
79
86
A3
I
-
-
Chrominance Data Input 1 / ITU-R656 Data B Input 1
CI0
80
87
A1
I
-
-
Chrominance Data Input 0 / ITU-R656 Data B Input 0
[LSB]
NC
-
88
A2
-
down
No Connect


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn