Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S5D4100X Datasheet(PDF) 12 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 12 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
DATASHEET
S5D4100X
12
2.1 PIN DESCRIPTIONS
Terminal
Number
Name
TQFP
FBGA
I/O
Output
drive
current
Pull
up
down
Description
TMS
-
1
B1
I
-
up
JTAC mode (Boundary Scan Design)
HD
1
2
B2
I
-
-
Horizontal Driving Pulse in ITU-R. BT601 /VCKI_B in ITU-
R. BT656
VD
2
3
C1
I
-
-
Vertical Driving Pulse in ITU-R. BT601 / VSYNC_A in ITU-
R. BT656
FLD
3
4
C2
I
-
-
Field Identification in ITU-R. BT601 /VSYNC_B in ITU-R.
BT656
XI
4
5
D1
I
-
-
X-tal Input for External Clock Reference (Free-Run Clock)
XO
5
6
D2
O
12.1mA
-
X-tal Output for External Clock Reference
VDDP
6
7
E1
P
-
-
I/O Pad Drive VDD (3.3V)
VSSP
7
8
E2
G
-
-
I/O Pad Drive VSS
FILT
8
9
F1
O
0.0mA
-
External Loop Filter Terminal for Built-In PLL
VDDAP
9
10
F2
P
-
-
Analog VDD for Built-in PLL (1.8V)
VSSAP
10
11
G1
G
-
-
Analog VSS for Built-in PLL
PVSO
11
12
G2
O
4.0mA
-
Vertical Sync Output for LCD Panel
PHSO
12
13
H1
O
4.0mA
-
Horizontal Sync Output for LCD Panel
PDEO
13
14
H2
O
4.0mA
-
Data Enable Output for LCD Panel
PCKO
14
15
J1
O
4.0mA
-
System Clock Output for LCD Panel
VDDC
15
16
J2
P
-
-
Internal Core Drive VDD (1.8V)
VSSC
16
17
K1
G
-
-
Internal Core Drive VSS
RO0
17
18
K2
O
4.0mA
-
R-CH Output 0 / Serial Output 0 [LSB]
RO1
18
19
L1
O
4.0mA
-
R-CH Output 1 / Serial Output 1
RO2
19
20
L2
O
4.0mA
-
R-CH Output 2 / Serial Output 2
RO3
20
21
M1
O
4.0mA
-
R-CH Output 3 / Serial Output 3
TCK
-
22
M2
I
-
down
JTAC mode (Boundary Scan Design)
TRST
-
23
N1
I
-
up
JTAC mode (Boundary Scan Design)
RO4
21
24
N2
O
4.0mA
-
R-CH Output 4 / Serial Output 4
RO5
22
25
M3
O
4.0mA
-
R-CH Output 5 / Serial Output 5
RO6
23
26
N3
O
4.0mA
-
R-CH Output 6 / Serial Output 6
RO7
24
27
M4
O
4.0mA
-
R-CH Output 7 / Serial Output 7 [MSB]
VDDP
25
28
N4
P
-
-
I/O Pad Drive VDD (3.3V)
VSSP
26
29
M5
G
-
-
I/O Pad Drive VSS
GO0
27
30
N5
O
4.0mA
-
G-CH Output 0 / General Purpose Output 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn