Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 90 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 90 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
DATASHEET
S5D4100X
90
7.3 DC ELECTRICAL CHARACTERISTICS
Table 6. DC Electrical Characteristics at 3.3V
VDD1 = 3.3V ± 0.3V, VDD2 = VDDA = 1.8V ± 0.15V, TA = 25°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Digital Power 1
VDD1
3.0
3.3
3.6
V
Digital Power 2
VDD2
1.65
1.8
1.95
V
Supply
Voltage
Analog Power
VDD
VDDA
1.65
1.8
1.95
V
High Level
VIH
2.0
V
Low Level
VIL
0.8
V
IOH = -4mA
2.4
V
IOH = -20mA
2.4
V
IOL = 4mA
0.4
V
Input
Voltage
IOL = 20mA
0.4
V
Positive-going
threshold
VT
+
CMOS
2.0
V
Schmitt
Trigger
Negative-going
threshold
VT
-
CMOS
0.8
V
Input buffer
-10
10
µA
High
Level
Input buffer with
Pull-down
I
IH
VIN = VDD
10
-33
60
µA
Input
Current
Low
Level
Input buffer
I
IL
VIN = VSS
-10
10
µA
Tri-state Output Leakage Current
IOZ
VOUT = VSS or VDD
-10
10
µA
Power Consumption
Pd
PCKO = 80MHz
600
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn