Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 89 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 89 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
DATASHEET
S5D4100X
89
7. ELECTRICAL SPECIFICATION
7.1 ABSOLUTE MAXIMUM RATINGS
Table 4. Absolute Maximum Ratings
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VDD
1.8V VDD
2.7
V
3.3V VDD
3.8
DC Input Voltage
VIN
3.3V input buffer
3.8
3.3V interface /
5V tolerant input buffer
6.5
DC Output Voltage
VOUT
1.8V output buffer
2.7
3.3V output buffer
3.8
Latch Up Current
ILatch
± 100
mA
Storage temperature
TSTG
Plastic
- 65 to 150
°C
7.2 RECOMMENDED OPERATION CONDITIONS
Table 5. Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VDD
1.8V VDD
1.8
± 0.15
V
3.3V VDD
3.3
± 0.3
DC Input Voltage
VIN
3.3V input buffer
3.3
± 0.3
3.3V interface /
5V tolerant input buffer
3.0 ~ 5.25
DC Output Voltage
VOUT
1.8V output buffer
1.8 ± 0.15
3.3V output buffer
3.3 ± 0.3
Operating Temperature
TA
Commercial
0 to 70
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn