Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 80 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 80 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
DATASHEET
S5D4100X
80
0x0109
OSD_MCF_CONTROL (Default: 0 x 00)
R/W
7
MCF_SEL
Multi Color Font Mode Select
0: MCF3 mode (3 fonts combination)
1: MCF2 mode (2 fonts combination)
6:0
N_MCF
Number of Multi-Colored RAM Font
0x010A
OSD_BLINK_CONTROL (Default: 0 x 00)
R/W
7:5
Reserved
4:2
BLNK_SEL
Blink duty (visible: invisible) Select
0: 0.5sec: 0.5sec
1: 1sec: 0.5sec
2: 0.5sec: 1sec
3: 1sec: 1sec
4: 1.5sec: 1.5sec
5: 2sec: 1sec
6: 1sec: 2sec
7: 2sec: 2sec
1
BL_NTRA
Blink or No_Tone_Raster
1: Blink Enable
0: No tone Raster
0
BLNC_C
Blink Color inversion
1: On
0: OFF
0x010B
OSD_HALF_TONE_CONTROL (Default: 0 x 00)
R/W
7
G_RA_EN
1: Global Raster Enable
0: disable (default)
6
CH_TONE
Character half Toning
1: Half tone is applied to the character
0: Half tone is not applied to the character
5
G_HT_EN
OSD half Toning
1:Global Half Ton Enable
0:Half Tone Disable
4:0
HALF_TONE_
CTRL
OSD half Tone Level Control
0: 0% OSD
1: 1/32 % OSD
2: 2/32% OSD
3: 3/32%OSD
….
31:31/33%OSD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn