Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S5D4100X Datasheet(PDF) 8 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 8 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
DATASHEET
S5D4100X
8
1.1 FEATURES
Input Format
ITU-R BT601 / ITU-R BT656 Video Format
Support Dual ITU-R BT656 Channel Port
ITU Decoder
ITU-R BT656 Decoding
Support NTSC / PAL System
Image Enhancement
Image Boost-Up (Adaptive Contrast Control)
Sharpness Control
Color Hue & Saturation Control
High-Quality Advanced Scaling
Fully Programmable Image Scaling (Up to XGA)
Independent Horizontal / Vertical Image Scale-Up and / or Scale-Down
Built-in On-Screen Display
Programmable Character RAM Fonts (256 Fonts)
User Friendly Font Size (12x18) and Display Font Number of Window Frame (Up to 450)
Various Font Attribute (Raster Enable, Blink, Character Border/Shadow Enable, Half-Tone, Intensity)
Economic Clock Source
External X-tal Application (Optional)
Programmable Frequency Synthesize in Built-in PLL Core
Supports I2C Bus & 3-Wired / 6-Wired Serial Host Interface
R/G/B Gamma look-up table
8 to 6 bit Dithering
Built-in RGB Black Level / Bright / Contrast Control
Application based Output Data Interface
R/G/B Serial Output for RGB-Dot-Pixel LCD Panel
R/G/B Parallel Output for RGB-Pixel Panel
ITU-R656, 8-Bit 4:2:2 Data with Embedded
Sync Output for External Application
Fab. & PKG Information
Fab. Process: L18 (0.18
µm)
PKG: 88-FBGA-0707 / 80-TQFP-1212
Operating Conditions
1.8 Volts Internal Core Logic, 3.3 Volts I/O Driver Power


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn