Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 79 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 79 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
DATASHEET
S5D4100X
79
0x0103
OSD_VFONT (Default: 0 x 00)
R/W
7:6
Reserved
5:0
OSD_VFONT
The number of vertical fonts of OSD
0x0104
OSD_HSP_MSB (Default: 0 x 00)
R/W
7:3
Reserved
2:0
OSD_HSP[10:8]
Horizontal start point of OSD
0x0105
OSD_HSP_LSB(Default: 0 x 00)
R/W
7:0
OSD_HSP[7:0]
Horizontal start point of OSD
0x0106
OSD_VSP_MSB (Default: 0 x 00)
R/W
7:3
Reserved
2:0
OSD_VSP[10:8]
Vertical start point of OSD
0x0107
OSD_VSP_LSB (Default: 0 x 00)
R/W
7:0
OSD_VSP[7:0]
Vertical start point of OSD
0x0108
OSD_BORDER_SHADOW_COLTROL (Default: 0 x 00)
R/W
7
BDSH_TYPE_SEL
Selects thickness of Border/Shadow
1: Border/Shadow is fixed to 1 pixel regardless of the character size.
0: Border/Shadow pixel interworks with the character size.
6
BDSH_PASS
See Figure 21.
1: The font border/shadow is shifted to the next font if the right side of the
current font is full. (When the next font is Borer/Shadow On)
0: Border/Shadow is displayed within the font area only.
5
G_BDSH_EN
Controls Character Border/Shadow globally
1: Controls border/shadow with DSRAM[13]
0: Border/Shadow is disabled regardless of DSRAM[13]
4
BDSH_SEL
Selects Border or Shadow when Character Border/Shadow On (G_BDSH_EN
= 1 & DSRAM[13]=1)
1: Border select
0: Shadow select
3:0
CH_BSC
Selects Character Border / Shadow Color as G_BDSH_EN = 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn