Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 78 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 78 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
DATASHEET
S5D4100X
78
6.7 OSD
0x0100
OSD_FADE_ENABLE, FONT_SIZE (Default: 0 x 00)
R/W
7
FADE_EN
Fade function enable.
0: Disable
1: Enable
6:5
FADE_CTRL
Fade function Speed Control
0: x 4
1: x 3
2: x 2
3: x 1 (for 1 frame)
4
OSD_EN
OSD ON/OFF Register
0: Disable
1: Enable
3:2
CH_HSZ
Determines the character horizontal size based on the default font size (12 *
18). For example, if CH_HSZ is 1, the character horizontal size is 24(12*2)
pixel.
0: 12
1: 24
2: 36
3: 48
1:0
CH_VSZ
Determines the character vertical size based on the default font size (12 * 18).
For example, if CH_VSZ is 3, the character vertical size is 36(18*2) pixel.
0: 18
1: 36
2: 54
3: 72
0x0101
OSD_SPACE_SIZE (Default: 0 x 00)
R/W
7
Reserved
6:4
COL_SP
Controls the number of column spaces between the fonts.
Column Space = COL_SP * CH_HSZ * 2 pixel
3:0
ROW_SP
Controls the number of row spaces between the fonts.
The number of vertical pixels is determined in accordance with the character
vertical size.
For example, if ROW_SP is 2 and CH_VSZ is 2, the row spaces are 4 lines.
0x0102
OSD_HFONT (Default: 0 x 00)
R/W
7
Reserved
6:0
OSD_HFONT
The number of horizontal fonts of OSD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn