Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 74 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 74 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
DATASHEET
S5D4100X
74
0x0084
CONTRAST_R_CONTRAST (Default: 0x80)
R/W
7:0
R_CONTRAST
Adjusts R Channel Contrast level
0x0085
CONTRAST_G_CONTRAST (Default: 0x80)
R/W
7:0
G_CONTRAST
Adjusts G Channel Contrast level
0x0086
CONTRAST_B_CONTRAST (Default: 0x80)
R/W
7:0
B_CONTRAST
Adjusts B Channel Contrast level
0x0087
CONTRAST_R_ BRIGHTNESS (Default: 0x00)
R/W
7:0
R_BRIGHT
Adjusts R Channel Brightness level
0x0088
CONTRAST_G_ BRIGHTNESS (Default: 0x00)
R/W
7:0
G_BRIGHT
Adjusts G Channel Brightness level
0x0089
CONTRAST_B_BRIGHTNESS (Default: 0x00)
R/W
7:0
B_BRIGHT
Adjusts B Channel Brightness level
0x008A
CONTRAST_BG_COLOR_R (Default: 0x00)
R/W
7:0
BG_COLOR_R
R Channel Background Color
If BG_COLOR_ON is HIGH, the color selected by BG_COLOR_R,
BG_COLOR_G and BG_COLOR_B is displayed on the entire screen.
0x008B
CONTRAST_BG_COLOR_G (Default: 0x00)
R/W
7:0
BG_COLOR_G
G Channel Background Color
If BG_COLOR_ON is HIGH, the color selected by BG_COLOR_R,
BG_COLOR_G and BG_COLOR_B is displayed on the entire screen.
0x008C
CONTRAST_BG_COLOR_B (Default: 0x00)
R/W
7:0
BG_COLOR_B
B Channel Background Color
If BG_COLOR_ON is HIGH, the color selected by BG_COLOR_R,
BG_COLOR_G and BG_COLOR_B is displayed on the entire screen.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn