Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 69 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 69 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
DATASHEET
S5D4100X
69
0x0068
YCP_ENCODER_SELECT (Default: 0x18)
R/W
7:6
EN_656OUTSEL
656 OUTPUT SELECT (See Table 2)
5
Reserved
4
EN_HPOL
Encoder Horizontal Active Polarity Select
3
EN_VPOL
Encoder Vertical Active Polarity Select
2
EN_FPOL
Encoder Field Polarity Select
1
EN_LIM16
Encoder Data Range Select
(1:16 ~ 240, 0:1~254)
0
EN_VSO_SEL
Encoder Vertical Timing Select
0: Vertical Active Signal Select
1: Vsync Signal Select
0x0069
YCP_ENCODER_CLOCK_DELAY (Default: 0x00)
R/W
7:4
Reserved
3:0
EN_CK_DLY
Encoder Output Clock Delay
The register controls delay for the output clock sent to the Pin GO7 when the
encoder runs. The most significant bit of the 4 bits is the inversion signal.
0x006A
YCP_OUT_HSYNC_CONTROL_MSB (Default: 0x02)
R/W
7
HOUT_DET
Horizontal Timing Detection Select
0:Falling Time
1:Rising Time
6:3
Reserved
2:0
IN_WIDTH[10:8]
Horizontal Timing Width (Used in timing detection)
0x006B
YCP_OUT_HSYNC_CONTROL_LSB (Default: 0xD0)
R/W
7:0
IN_WIDTH[7:0]
Horizontal Timing Width (Used in timing detection)
0x006C
YCP_OUT_VSYNC_CONTROL_MSB (Default: 0x00)
R/W
7
VOUT_DET
Vertical Timing Detection Select
0: Falling Time
1: Rising Time
6:3
Reserved
2:0
IN_LINE[10:8]
Vertical Timing Line (Used in timing detection)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn