Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S5D4100X Datasheet(PDF) 67 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 67 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
DATASHEET
S5D4100X
67
0x005C
YCP_VACT_MIN_LSB (Default: 0x00)
R/W
7:0
DI_VACT_MIN
[7:0]
Vertical Active Input Start Point
Sets the start point of the input image based on the rising time of the sync
selected by DI_VS_SEL.
0x005D
YCP_VACT_MAX_MSB (Default: 0x00)
R/W
7:3
Reserved
2:0
DI_VACT_MAX
[10:8]
Vertical Active Input End Point
Sets the end point of the input image based on the rising time of the sync
selected by DI_VS_SEL.
0x005E
YCP_VACT_MAX_LSB (Default: 0x00)
R/W
7:0
DI_VACT_MAX
[7:0]
Vertical Active Input End Point
Sets the end point of the input image based on the rising time of the sync
selected by DI_VS_SEL.
0x005F
YCP_FIELD_601_TH (Default: 0x00)
R/W
7:0
INT_FIELD_601_
TH
Internal 601 Field Threshold
Sets the threshold for creation of internal field when INT_FLD_SEL is HIGH.
0x0060
YCP_CORE (Default: 0x00)
R/W
7:4
CORE_H
EDGE Coring HIGH level (See Figure 10)
3:0
CORE_L
EDGE Coring LOW level (See Figure 10)
0x0061
YCP_EDGE_CONTROL (Default: 0x54)
R/W
7:6
EDGE_FIL_SEL
EDGE Filter Select
0: Filter0
1: Filter1
2: Not Use
3: Filter2
5:4
CORE_RATE
EDGE Coring Gain (See Figure 10)
3:0
EDGE_GAIN
EDGE Gain
The default value 4 means x1. The higher the value, the edge strength
increases, and vice versa. (See 0x006E.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn