Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 66 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 66 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
DATASHEET
S5D4100X
66
0x0055
YCP_DI_VFP (Default: 0x02)
R/W
7:0
DI_VFP
Vertical Front Porch for VSync Output
0x0056
YCP_DI_VSW (Default: 0x08)
R/W
7:0
DI_VSW
Vertical Pulse Width for VSync Output
This should be set to 0x01 if the setting should be made regardless of the
scale factor.
0x0057
YCP_HACT_MIN_MSB (Default: 0x00)
R/W
7:3
Reserved
2:0
DI_HACT_MIN
[10:8]
Horizontal Active Input Start Point
Sets the start point of the input image based on the rising time of the sync
selected by DI_HS_SEL.
0x0058
YCP_HACT_MIN_LSB (Default: 0x00)
R/W
7:0
DI_HACT_MIN
[7:0]
Horizontal Active Input Start Point
Sets the start point of the input image based on the rising time of the sync
selected by DI_HS_SEL.
0x0059
YCP_HACT_MAX_MSB (Default: 0x00)
R/W
7:3
Reserved
2:0
DI_HACT_MAX
[10:8]
Horizontal Active Input End Point
Sets the end point of the input image based on the rising time of the sync
selected by DI_HS_SEL.
0x005A
YCP_HACT_MAX_LSB (Default: 0x00)
R/W
7:0
DI_HACT_MAX
[7:0]
Horizontal Active Input End Point
Sets the end point of the input image based on the rising time of the sync
selected by DI_HS_SEL.
0x005B
YCP_VACT_MIN_MSB (Default: 0x00)
R/W
7:3
Reserved
2:0
DI_VACT_MIN
[10:8]
Vertical Active Input Start Point
Sets the start point of the input image based on the rising time of the sync
selected by DI_VS_SEL.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn