Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 59 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 59 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
DATASHEET
S5D4100X
59
6.2 TIMING GENERATOR
0x0020
TG_TIMING_CONTROL (Default: 0x84)
R/W
7
AUTO_TOTAL
Auto TOTAL setting register
Determines whether to use the internally calculated value or the register
setting for the addresses 0x0021 ~ 0x0025.
1: Auto Set (Internally calculated value)
0: Manual Set (Register setting)
6
HVSO_DET
For inversion, resets and detects TG sync creation to create output sync.
5
Reserved
4:3
DET_FRAME
Sets the TG detection start frame (1 ~ 4 Frame).
Sets the number of frames to be referred for detection in order to create
normal sync after inversion of HVSO_DET.
2
Reserved
1:0
PLL_FIN_SEL
PLL PFD Input Signal Select (See Figure 16)
0: Pre-Divider Output
1: Not Used
2, 3: HS
0x0021
TG _ADDED_LINE(Default: 0x 01)
R/W
7:0
ADDED_LINE
Sets the difference value between the odd and the even field.
0x0022
TG _INPUT_HTOTAL_MSB (Default: 0x 03)
R/W
7:3
Reserved
2:0
HTOTAL[10:8]
Horizontal Input Total Pixel Value
0x0023
TG _INPUT_HTOTAL_LSB (Default: 0x 5A)
R/W
7:0
HTOTAL[7:0]
Horizontal Input Total Pixel Value
0x0024
TG _INPUT_VTOTAL_MSB (Default: 0x 01)
R/W
7:3
Reserved
2:0
VTOTAL[10:8]
Vertical Input Total Pixel Value
0x0025
TG _INPUT_VTOTAL_LSB (Default: 0x 07)
R/W
7:0
VTOTAL[7:0]
Vertical Input Total Pixel Value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn