Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 58 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 58 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
DATASHEET
S5D4100X
58
0x0014
GLOBAL_OUTPUT_MASK_VMIN_MSB (Default: 0x 00)
R/W
7:3
Reserved
2:0
VOUTMIN[10:8]
Vertical Output MASK min number
0x0015
GLOBAL_OUTPUT_MASK_VMIN_LSB (Default: 0x 00)
R/W
2:0
VOUTMIN[7:0]
Vertical Output MASK min number
0x0016
GLOBAL_OUTPUT_MASK_VMAX_MSB (Default: 0x 00)
R/W
7:3
Reserved
2:0
VOUTMAX[10:8]
Vertical Output MASK max number
0x0017
GLOBAL_OUTPUT_MASK_VMAX_LSB (Default: 0x 00)
R/W
2:0
VOUTMAX[7:0]
Vertical Output MASK max number
0x0018
GLOBAL_VFP_HS_DOWN (Default: 0x 00)
R/W
7
HS_DN_ON
The ON/OFF signal used to determine whether to fix the PHSO in VFP section
to LOW.
0: Normal mode
1: HS down
6:0
HS_DN
The register designates the number of lines in which PHSO in VFP section
should not be fixed to LOW when HS_DN_ON is HIGH.
0x0019
GLOBAL_PAD_CONTROL (Default: 0x00)
R/W
3
PD_CTRL
PVSO/PHSO/PDEO/PCKO Output Enable Signal
0: Output enable
1: Output Disable
2
RO_CTRL
RO0 ~ RO7 Output Enable Signal
0: Output enable
1: Output Disable
1
GO_CTRL
GO0 ~ GO7 Output Enable Signal
0: Output enable
1: Output Disable
0
BO_CTRL
BO0 ~ BO7 Output Enable Signal
0: Output enable
1: Output Disable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn