Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 57 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 57 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
DATASHEET
S5D4100X
57
0x000F
GLOBAL_SERIAL_CONTROL2 (Default: 0x01)
R/W
7
Reserved
6:4
ODD_SPL
Sends the data in the ODD line in the following sequence.
If 0X000F[6] = 0, …
→ R → G → B → R → G → B → …
If 0X000F[6] = 1, …
→ R → B → G → R → B → G → …
The first data of the line is determined in accordance with 0X000F[5:4].
If HMODE_SEL = HIGH, the first data are ODD_SPL[1:0]= [00]
→ R,
ODD_SPL[1:0]= [01]
→ G, ODD_SPL[1:0]= [10] → B. If HMODE_SEL =LOW,
because the counter is fixed, the first data may vary.
0x000F[5:4] = [11] is not used.
3
Reserved
2:0
EVEN_SPL
Sends the data in the EVEN line in the following sequence.
If 0X000F[2] = 0, …
→ R → G → B → R → G → B → …
If 0X000F[2] = 1, …
→ R → B → G → R → B → G → …
The first data of the line is determined in accordance with 0X000F[1:0].
If HMODE_SEL = HIGH, the first data are EVEN_SPL[1:0]= [00]
→ R,
EVEN_SPL[1:0]= [01]
→ G, EVEN_SPL[1:0]= [10] → B. If HMODE_SEL =
LOW, because the counter is fixed, the first data may vary.
0x000F[1:0] = [11] is not used.
0x0010
GLOBAL_OUTPUT_MASK_HMIN_MSB (Default: 0x 08)
R/W
7:4
Reserved
3
DEMODE
Horizontal Output MASK Mode Select
0: SYNC MODE
1: DE MODE
2:0
HOUTMIN[10:8]
Horizontal Output MASK min number
0x0011
GLOBAL_OUTPUT_MASK_HMIN_LSB (Default: 0x 00)
R/W
2:0
HOUTMIN[7:0]
Horizontal Output MASK min number
0x0012
GLOBAL_OUTPUT_MASK_HMAX_MSB (Default: 0x 00)
R/W
7:3
Reserved
2:0
HOUTMAX
[10:8]
Horizontal Output MASK max number
0x0013
GLOBAL_OUTPUT_MASK_HMAX_LSB (Default: 0x 00)
R/W
2:0
HOUTMAX[7:0]
Horizontal Output MASK max number


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn