Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 56 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 56 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
DATASHEET
S5D4100X
56
0x000E
GLOBAL_SERIAL_CONTROL1 (Default: 0x 27)
R/W
7:6
Reserved
5
HMODE_SEL
Selects the reference of serial data between HACT and HS.
Since R/G/B of the serial format data should be transmitted in series, the
internal counter is used. The register determines if the counter is started for
HACT or HS. This indicates the section at which the valid data is transmitted
via the actual serial output formatter.
0: HS
1: HACT
4
LINE_INV
The signal exchanges ODD line and EVEN line. LINE_INV is used for vertical
inversion display to set the color.
3:2
DATA_DLY
This register is used to give delay on the data in serial interface when HS is
fixed.
This is added to meet various panel structures.
The default is DATA_DLY = [ 01].
1
COMP_TYPE
Depending on the panel structure, the EVEN line may starts earlier/later than
ODD line by 0.5 pixel. Therefore, compensation type can be divided as follows.
0: Compensation between the previous pixel and the current pixel
1: Compensation between the current pixel and the next pixel
0
EVEN_COMP_
SEL
Although the EVEN Line is of the same timing data with the ODD Line, but it
may be deviated by 0.5 Dot due to the panel structure. In order to improve the
display quality of the delta structure, set Register 0X000E[0] to 1, and set the
compensation type
of 0x000E[1].


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn