Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S5D4100X Datasheet(PDF) 55 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 55 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
DATASHEET
S5D4100X
55
0x000A
GLOBAL_VFP_CLOCK_DOWN (Default: 0x 01)
R/W
7
VFP_CKO_DN
The ON/OFF signal used to determine whether to fix the PCKO clock in VFP
section to LOW.
0: Normal mode
1: Clock Down
6:0
VDOWN
The register designates the number of lines in which PCKO clock in VFP
section should not be fixed to LOW when VFP_CKO_DN is HIGH.
0x000B
GLOBAL_PWM_CONTROL (Default: 0x 20)
R/W
7:6
PWM_PRE_
SCALE
Determines the level of PWM duty to divide based on CKOSC clock when
using the pulse width modulation
00: CKOSC
01: 2_Divided CKOSC
10: 4_Divided CKOSC
11: 8_Divided CKOSC
5
PWM_EN
Pulse Width Modulation Enable
0: Disable (LOW Output Signal)
1: Enable (PWM Output Signal)
4
PLL_PW_DN
PLL Power Down
0: Disable
1: Enable
3:2
Reserved
1
PWM1_SEL
PWM1 is sent if PWM1_SEL is HIGH, or GPO1 signal if it is LOW.
0
PWM0_SEL
PWM0 is sent if PWM0_SEL is HIGH, or GPO0 signal if it is LOW.
0x000C
GLOBAL_PWM_DATA0 (Default: 0x 00)
R/W
7
PWM_DATA0
Pulse Width Modulation 0
Creates, with the 256 clocks durations created by PWM_PRE_SCALE, the
pulse of HIGH for the clock durations set in PWM_DATA0 and of LOW for the
remaining clock durations.
0x000D
GLOBAL_PWM_DATA1 (Default: 0x 00)
R/W
7
PWM_DATA1
Pulse Width Modulation1
Creates, with the 256 clocks durations created by PWM_PRE_SCALE, the
pulse of HIGH for the clock durations set in PWM_DATA1 and of LOW for the
remaining clock durations.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn