Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 54 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 54 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 50Page - Samsung semiconductor S5D4100X Datasheet HTML 51Page - Samsung semiconductor S5D4100X Datasheet HTML 52Page - Samsung semiconductor S5D4100X Datasheet HTML 53Page - Samsung semiconductor S5D4100X Datasheet HTML 54Page - Samsung semiconductor S5D4100X Datasheet HTML 55Page - Samsung semiconductor S5D4100X Datasheet HTML 56Page - Samsung semiconductor S5D4100X Datasheet HTML 57Page - Samsung semiconductor S5D4100X Datasheet HTML 58Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
DATASHEET
S5D4100X
54
0x0007
GLOBAL_OUTPUT_CLOCK_AND_SYNC_CONTROL
(Default: 0x 00)
R/W
7:4
CKO_DLY
Output Clock Delay
The register controls delay for the output clock sent to the PCKO pin. The most
significant bit of the 4 bits is the inversion signal.
3
Reserved
2
OPOL_DE
Output Date Enable Signal (PDEO) Polarity
0: HIGH Active
1: LOW Active
1
OPOL_VS
Output VS (PVSO) Polarity
0: LOW Active
1: HIGH Active
0
OPOL_HS
Output HS (PHSO) Polarity
0: LOW Active
1: HIGH Active
0x0008
GLOBAL_CLOCK_AND_SYNC_CONTROL (Default: 0x 04)
R/W
7:4
M2CK_PHASE
Encoder Clock Phase Control
The register controls the clock phase when V601 is 1. It is controlled in the
2MUL block in Figure 7.
3
CKOSC_SEL
CKOSC Clock Select
0: XI Pin
1: The clock selected by ITU656_CH (VCK or VD Pin)
2:0
PDEO_DLY
PDEO Delay
Output Data Enable Signal (PDEO Pin)
0x0009
GLOBAL_GPO (Default: 0x 40)
R/W
7
Reserved
6
CKO_SEL
CKO Domain Clock Select (See Figure 7 Clock System)
0: CKOSC Clock
1: PLL output Clock
5
GPO5
General Purpose Output #5 (See 5.12.4)
4
GPO4
General Purpose Output #4 (See 5.12.4)
3
GPO3
General Purpose Output #3 (See 5.12.4)
2
GPO2
General Purpose Output #2 (See 5.12.4)
1
GPO1
General Purpose Output #1 (See 5.12.4)
0
GPO0
General Purpose Output #0 (See 5.12.4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn