Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 53 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 53 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 49Page - Samsung semiconductor S5D4100X Datasheet HTML 50Page - Samsung semiconductor S5D4100X Datasheet HTML 51Page - Samsung semiconductor S5D4100X Datasheet HTML 52Page - Samsung semiconductor S5D4100X Datasheet HTML 53Page - Samsung semiconductor S5D4100X Datasheet HTML 54Page - Samsung semiconductor S5D4100X Datasheet HTML 55Page - Samsung semiconductor S5D4100X Datasheet HTML 56Page - Samsung semiconductor S5D4100X Datasheet HTML 57Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
DATASHEET
S5D4100X
53
0x0003
GLOBAL_TEST_PATTERN_SELECT (Default: 0x 00)
R/W
7:0
TP_SEL
Test Pattern Select
The register is used for selection of test pattern. Figure 12 describes the
register, and Figure 13 shows the types of patterns available.
0x0004
GLOBAL_TEST_PATTERN_CONST_LEVEL_CONTROL
(Default: 0x 00)
R/W
7:0
TP_CONST_
LEVEL
Constant Test Pattern Level Control
The register is enabled when Pattern No. 6 is selected in TP_SEL. The
register is used to select a specific level. Details are described in 5.5.2 Test
Pat. Gen.
0x0005
GLOBAL_TEST_PATTERN_CONST_WIDTH_CONTROL
(Default: 0x 00)
R/W
7:0
TP_CONST_
WIDTH
Constant Test Pattern Width Control
The register is enabled when Pattern No. 6 is selected in TP_SEL. The
register is used to select a width of each level. Details are described in 5.5.2
Test Pat. Gen.
0x0006
GLOBAL_INPUT_CLOCK_AND_MASK_CONTROL
(Default: 0x 03)
R/W
7:4
CKI_DLY
Input Clock Delay
The register delays the clock selected by ITU656_CH. The most significant bit
of the 4 bits is the inversion signal.
3
CKI2_PHASE
Changeable 2-Times Scaler Output Clock Phase
0: Normal
1: Phase Reverse
2
CKI_SEL
Input Clock Select (See Figure 7 Clock System)
0: CKOSC Select
1: VCK Select
1
BLANK_MASK_
ON
Input Blank Data Mask ON/OFF
The register masks the blank area to black.
0: Mask OFF
1: Mask ON
0
ROLLING_
MASK_ON
Input Rolling Data Mask ON/OFF
The register masks the unnecessary image displayed due to rolling at moving
of screen position.
0: Mask OFF
1: Mask ON


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn