Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 52 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 52 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 48Page - Samsung semiconductor S5D4100X Datasheet HTML 49Page - Samsung semiconductor S5D4100X Datasheet HTML 50Page - Samsung semiconductor S5D4100X Datasheet HTML 51Page - Samsung semiconductor S5D4100X Datasheet HTML 52Page - Samsung semiconductor S5D4100X Datasheet HTML 53Page - Samsung semiconductor S5D4100X Datasheet HTML 54Page - Samsung semiconductor S5D4100X Datasheet HTML 55Page - Samsung semiconductor S5D4100X Datasheet HTML 56Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
DATASHEET
S5D4100X
52
0x0001
GLOBAL_BLOCK_CONTROL2 (Default: 0x 3F)
R/W
7
SIX_WIRE_ON
If HIF Pin is 1, the default value is 3-wire. In order to use Six-Wire,
SIX_WIRE_ON should be set to 1.
0: 3-WIRE MODE
1: 6-WIRE MODE
6
Reserved
5
GBI_ON
Input Domain Clock ON/OFF
0: Input Domain Clock OFF
1: Input Domain Clock ON
4
GBO_ON
Output Domain Clock ON/OFF
0: Output Domain Clock OFF
1: Output Domain Clock ON
3
BU_ON
BOOSTUP Clock ON/OFF
0: BOOSTUP Clock OFF
1: BOOSTUP Clock ON
2
OSD_ON
OSD Clock ON/OFF
0: OSD Clock OFF
1: OSD Clock ON
1
ENC_ON
ENCODER Clock ON/OFF
0: ENCODER Clock OFF
1: ENCODER Clock ON
0
SC_ON
SCALER Clock ON/OFF
0: SCALER Clock OFF
1: SCALER Clock ON
0x0002
GLOBAL_TEST_PATTERN_CONTROL (Default: 0x 3F)
R/W
7
TP_YCbCr_ON
YUV TEST Domain Select
If TP_YUV_ON is 1, TEST_PATTERN is created in the YCbCr domain, and if
TP_YUV_ON is 0, TEST_PATTERN is created in the RGB domain.
0: RGB Domain Select
1: YCbCr Domain Select
6
TP_SYNC_ON
Tests Sync ON
If TEST_PAT_ON and TP_SYNC_ON, the internally created test sync is used
as the input for the scaler. Timing for test sync is described in Figure 11.
0: Test Sync OFF
1: Test Sync ON
5:0
TP_RGB_ON
Test pattern RGB ON/OFF Register
2 bits are assigned and controlled for RGB respectively.
[5:4] - R , [3:2] - G , [1:0] – B
See Table 5.1 for description on the 2 bits.
If TP_YCbCr_ON is 1, YCbCr is controlled instead of RGB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn