Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 51 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D4100X Datasheet(HTML) 51 Page - Samsung semiconductor

Back Button S5D4100X Datasheet HTML 47Page - Samsung semiconductor S5D4100X Datasheet HTML 48Page - Samsung semiconductor S5D4100X Datasheet HTML 49Page - Samsung semiconductor S5D4100X Datasheet HTML 50Page - Samsung semiconductor S5D4100X Datasheet HTML 51Page - Samsung semiconductor S5D4100X Datasheet HTML 52Page - Samsung semiconductor S5D4100X Datasheet HTML 53Page - Samsung semiconductor S5D4100X Datasheet HTML 54Page - Samsung semiconductor S5D4100X Datasheet HTML 55Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
DATASHEET
S5D4100X
51
6. REGISTER MAP
Legend
Address
Address Name (Default Value)
R/W
Bits No.
Register Name
Function Description
6.1 GLOBAL
0x0000
GLOBAL_BLOCK_CONTROL1 (Default: 0x 08)
R/W
7:6
Reserved
5
ITU656_CH
ITU-656 Input Channel Select
0: Uses the pins YI7~YI0 for 656 data input, VCKI pin for clock input, and VD
pin for VS input.
1: Uses the pins CI7~CI0 for 656 data input, HD pin for clock input, and FLD
pin for VS input.
4
DTH_ON
Dither Block ON/OFF Select
0: Dither OFF
1: Dither ON
3
SERIAL_ON
Serial Output Mode ON/OFF
0: Sends 24-bit R/G/B data to the pins RO7~RO0 / GO7~GO0 / BO7~BO0
1: Sends 8-bit serial data to RO7~RO0
2
TEST_PAT_ON
The ON/OFF register determines whether to use the internally created test
pattern as the scaler input regardless of the input image.
0: Test Pattern OFF
1: Test Pattern ON
1
BG_COLOR_
ON
Back Ground Color ON/OFF Register
If Back Ground Color is ON, a single color image is entered to the gamma
block to display the single color image on the screen regardless of the input
image. The color is selected
by the values 0x008A~0x008C.
0: Back Ground Color OFF
1: Back Ground Color ON
0
FREE_RUN
Pseudo Sync RUN Mode
The ON/OFF register determines whether to display Pseudo Sync if no Sync is
received to S5D4100X (in case of 656, when no data is received).
0: Pseudo Sync Output OFF
1: Pseudo Sync Output ON


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn