Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 49 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 49 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
DATASHEET
S5D4100X
49
This table shows the sequence of R, G, B dot for register setting.
Register HMODE = 1
(Based on DE Rising)
Register HMODE = 0
(Based on HS Falling)
Register ODD_SPL/
Register EVEN_SPL
R, G, B output order
R, G, B output order
000
R
G
B
001
G
B
R
010
B
R
G
R
G
B or G
B
R or B
R
G
depending on the relationship between
HS and DE
011
Not use
Not use
100
R
B
G
101
G (R (B
110
B (G (R
R (B (G or G (R (B or B (G (R
depending on the relationship between
HS and DE
111
Not use
Not use
In the delta type panel in Figure 40, EVEN Line is the vertically same timing data with ODD Line, but is deviated
by 0.5 Dot due to the panel structure. In order to improve the delta structure display quality, set Register
0X000E[0] to 1, and set the compensation type of 0x000E[1].
If (Compensation Type = 0)
then, Compensated Pixel = (Previous Pixel + Current Pixel)/2,
if (Compensation Type = 1)
then, Compensated Pixel = (Current Pixel + Next Pixel)/2
5.13.4 ITU-656 output
S5D4100X sends data in serial output format to the panel via the R channel, and at the same time the ITU-R656
data to Channel B (OUTPUT PIN BO0 ~ BO7) to use another application.
Various path signals may be transformed to ITU-656 format in accordance with Register EN_656OUTSEL when
Register SERIAL_ON and Register ENC_ON are HIGH.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn