Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 48 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 48 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
DATASHEET
S5D4100X
48
5.13.3 RGB Serial output
S5D4100X sends the data in R/G/B serial output format through R Channel (OUTPUT PIN RO0~RO7) to
correspond to RGB-Dot-Pixel LCD Panel (Figure 40). The product can send data to meet various delta type panel
spec by setting Register SERIAL_ON HIGH, and Register ODD_SPL and EVEN_SPL. The R, G, B dot layout in
Figure 40 may be changed depending on the panel spec.
R
G
B
R
G
B
G
B
R
G
B
R
ODD Line
EVEN Line
R
G
B
R
G
B
G
B
R
G
B
R
ODD Line
EVEN Line
..........
..........
..........
..........
Figure 40. Delta Type Panel Architecture
Unlike the existing parallel interface panel (Figure 40) in which R/G/B data are sent in 1 clock (24-bit Parallel
Output Interface Data), in the serial output interface panel, only one data (8-bit serial interface data) out of R/G/B
data can be sent in 1 clock. (See Figure 41)
R1
R2
R3
R4
R5
R6
R7
G1
G2
G3
G4
G5
G6
G7
B1
B2
B3
B4
B5
B6
B7
R Data[7:0]
G Data[7:0]
B Data[7:0]
Serial Output Data[7:0]
R1
G2
B3
R4
G5
B6
R7
Horizontal Active
CLOCK
Internal Signal
Processing Data
(24-bit)
Serial Output
Interface Data
(8-bit)
...
...
...
u
Figure 41. Serial Output Data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn