Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5D4100X Datasheet(PDF) 46 Page - Samsung semiconductor

Part No. S5D4100X
Description  Digital Interface Including Scaler, Image Enhancement
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5D4100X Datasheet(HTML) 46 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
DATASHEET
S5D4100X
46
5.12.4 Pulse Width Modulation (PWM)
PWM lets the high and low signal to have a regular width. S5D4100X has 2 PWMs; PWM0 and PWM1. To use
the PWMs, Register PWM0_SEL and PWM1_SEL should be set to HIGH. In order to set PWM,
PWM_PRE_SCALE should be set first. Register PWM_PRE_SCALE is 0 ~ 3, which makes PRE_SCALER to
generate the clocks of bypass, 2-division, 4-division and 8-division, respectively, of CKOSC. PWM0/1 use the
PRE_SCALER output as the clock, and send the HIGH signals in the unit of 256 clock for the value set in Register
PWM_DATA0/1. If the final Register PWM_EN in the last output buffer is 1, the signal generated in PWM0/1 is
displayed, and if it is 0, the function is disabled, and LOW signal is sent continuously. Then the signal is
multiplexed by Register PWM0/1_SEL.
PRE_SCALE
PWM0
PWM1
CKOSC
PWM_DATA0
PWM_DATA1
PWM_PRE_SCALE
PWM0
PWM1
1
0
1
0
PWM0_SEL
GPO0
GPO1
PWM1_SEL
PWM_EN
Figure 37. PWM
5.12.5 General Purpose Outputs (GPO's)
General Purpose Output (GPO) sends HIGH or LOW signal to Pins GO0~GO5 for the value set in GPO0 ~ GPO5
when Register SERIAL_ON is HIGH, and MCU controls the register. The product has 6 GPOs; GPO0 ~ GPO5.
GPO0 and GPO1 can be sent to Pins PWM0/PWM1, regardless of Register SERIAL_ON, if Register PWM0_SEL
and PWM1_SEL are LOW.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn