Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8233AMFE-TB Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8233AMFE-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8233AMFE-TB Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8233AMFE-TB Datasheet HTML 1Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 2Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 3Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 4Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 5Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8233AMFE-TB Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev.3.2_10
BATTERY PROTECTION IC
FOR 3-SERIAL-CELL PACK
S-8233A Series
Seiko Instruments Inc.
1
The S-8233A Series is a series of lithium-ion rechargeable battery
protection ICs incorporating high-accuracy voltage detection circuits and
delay circuits. It is suitable for a 3-serial-cell lithium-ion battery pack.
Features
(1)
Internal high-accuracy voltage detection circuit
Over charge detection voltage
4.10
± 0.05 V to 4.35 ± 0.05 V
50 mV- step
Over charge release voltage
3.85
± 0.10 V to 4.35 ± 0.10 V
50 mV- step
(The over charge release voltage can be selected within the range where a difference from over
charge detection voltage is 0 V to 0.3 V)
Over discharge detection voltage
2.00
± 0.08 V to 2.70± 0.08 V
100 mV- step
Over discharge release voltage
2.00
± 0.10 V to 3.70± 0.10 V
100 mV - step
(The over discharge release voltage can be selected within the range where a difference from over
discharge detection voltage is 0 V to 1.0 V)
Over current detection voltage 1
0.15
±0.015 V to 0.5 ±0.05 V
50 mV-step
(2)
High input-voltage device (absolute maximum rating: 26 V)
(3)
Wide operating voltage range:
2 V to 24 V
(4)
The delay time for every detection can be set via an external capacitor.
(5)
Three over current detection levels (protection for short-circuiting)
(6)
Internal charge/discharge prohibition circuit via the control terminal
(7)
The function for charging batteries from 0 V is available.
(8)
Low current consumption
Operation
50
µA max. (+25 °C)
Power-down
0.1
µA max. (+25 °C)
Applications
Lithium-ion rechargeable battery packs
Packages
Drawing Code
Package Name
Package
Tape
Reel
14-Pin SOP
FE014-A
FE014-A
FE014-A
16-Pin TSSOP
FT016-A
FT016-A
FT016-A


Similar Part No. - S-8233AMFE-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
S-8233B SII-S-8233B Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233BAFT SII-S-8233BAFT Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
S-8233BAFT-TB-G SII-S-8233BAFT-TB-G Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233BBFT SII-S-8233BBFT Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
More results

Similar Description - S-8233AMFE-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com