Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD45128163-A75L Datasheet(PDF) 3 Page - Elpida Memory

Part No. UPD45128163-A75L
Description  128M-bit Synchronous DRAM 4-bank, LVTTL
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

UPD45128163-A75L Datasheet(HTML) 3 Page - Elpida Memory

  UPD45128163-A75L Datasheet HTML 1Page - Elpida Memory UPD45128163-A75L Datasheet HTML 2Page - Elpida Memory UPD45128163-A75L Datasheet HTML 3Page - Elpida Memory UPD45128163-A75L Datasheet HTML 4Page - Elpida Memory UPD45128163-A75L Datasheet HTML 5Page - Elpida Memory UPD45128163-A75L Datasheet HTML 6Page - Elpida Memory UPD45128163-A75L Datasheet HTML 7Page - Elpida Memory UPD45128163-A75L Datasheet HTML 8Page - Elpida Memory UPD45128163-A75L Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Data Sheet E0344N10 (Ver. 1.0)
3
µµµµPD45128163
Part Number
µPD45128163G5 - A75L
Number of banks
3 : 4 banks, LVTTL
Organization
16 : x16
Memory density
128 : 128M bits
Synchronous DRAM
NEC Memory
Package
G5 : TSOP (II)
Low voltage
A : 3.3 V
± 0.3 V
Minimum cycle time
75A : 7.5 ns (133 MHz @CL=2)
75
: 7.5 ns (133 MHz @CL=3)
80
: 8 ns (125 MHz)
10
: 10 ns (100 MHz)
Low Power
[ x16 ]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn