Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EDS2532JEBH-75 Datasheet(PDF) 2 Page - Elpida Memory

Part No. EDS2532JEBH-75
Description  256M bits SDRAM (8M words x 32 bits)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo 

EDS2532JEBH-75 Datasheet(HTML) 2 Page - Elpida Memory

 
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
EDS2532JEBH-75
Preliminary Data Sheet E0618E50 (Ver. 5.0)
2
Ordering Information
Part number
Supply
voltage
Organization
(words
× bits) Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS2532JEBH-75-E
2.5V
8M
× 32
4
133
100
3
2
90-ball FBGA
Part Number
Environment Code
E: Lead Free
Elpida Memory
Density / Bank
25: 256M/4-bank, 4K Rows
Organization
32: x32
Power Supply, Interface
J: 2.5V, LVCMOS
Die Rev.
Package
BH: FBGA(Board Type)
Speed
75: 133MHz/CL3
100MHz/CL2
Product Family
S: SDRAM
Type
D: Monolithic Device
E D S 25 32 J E BH - 75 - E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn