Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EDS2532EEBH-75 Datasheet(PDF) 25 Page - Elpida Memory

Part No. EDS2532EEBH-75
Description  256M bits SDRAM (8M words x 32 bits)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo 

EDS2532EEBH-75 Datasheet(HTML) 25 Page - Elpida Memory

Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
EDS2532EEBH-75
Preliminary Data Sheet E0639E50 (Ver. 5.0)
25
Operation of the SDRAM
Read/Write Operations
Bank active
Before executing a read or write operation, the corresponding bank and the row address must be activated by the
bank active (ACT) command.
An interval of tRCD is required between the bank active command input and the
following read/write command input.
Read operation
A read operation starts when a read command is input. Output buffer becomes Low-Z in the (/CAS Latency - 1)
cycle after read command set. The SDRAM can perform a burst read operation.
The burst length can be set to 1, 2, 4 and 8. The start address for a burst read is specified by the column address
and the bank select address at the read command set cycle. In a read operation, data output starts after the number
of clocks specified by the /CAS Latency. The /CAS Latency can be set to 2 or 3.
When the burst length is 1, 2, 4 and 8 the DOUT buffer automatically becomes High-Z at the next clock after the
successive burst-length data has been output.
The /CAS latency and burst length must be specified at the mode register.
READ
CLK
Command
DQ
ACT
Row
Column
Address
CL = 2
CL = 3
out 0
out 1
out 2
out 3
out 0
out 1
out 2
out 3
tRCD
CL = /CAS latency
Burst Length = 4
/CAS Latency
READ
CLK
Command
DQ
ACT
Row
Column
out 0
out 6
out 7
Address
out 0 out 1
out 4
out 5
out 0 out 1 out 2 out 3
BL = 1
out 0 out 1 out 2
out 3
BL = 2
BL = 4
BL = 8
tRCD
BL : Burst Length
/CAS Latency = 2
Burst Length


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn