Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDL5132CBMA Datasheet(PDF) 34 Page - Elpida Memory

Part # EDL5132CBMA
Description  512M bits Mobile RAM MCP 2 pcs of 256Mb components (16M words x 32 bits)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL5132CBMA Datasheet(HTML) 34 Page - Elpida Memory

Back Button EDL5132CBMA Datasheet HTML 30Page - Elpida Memory EDL5132CBMA Datasheet HTML 31Page - Elpida Memory EDL5132CBMA Datasheet HTML 32Page - Elpida Memory EDL5132CBMA Datasheet HTML 33Page - Elpida Memory EDL5132CBMA Datasheet HTML 34Page - Elpida Memory EDL5132CBMA Datasheet HTML 35Page - Elpida Memory EDL5132CBMA Datasheet HTML 36Page - Elpida Memory EDL5132CBMA Datasheet HTML 37Page - Elpida Memory EDL5132CBMA Datasheet HTML 38Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
EDL5132CBMA
Preliminary Data Sheet E0490E30 (Ver. 3.0)
34
Burst Termination
There are two methods to terminate a burst operation other than using a Read or a Write command. One is the
burst stop command and the other is the precharge command.
Burst Termination in READ Cycle
During a read cycle, when the burst stop command is issued, the burst read data are terminated and the data bus
goes to High-Z after the /CAS latency from the burst stop command.
READ
Command
CLK
T0
T2
T1
T3
T4
T5
T6
T7
Burst length = X
Q1
Q2
Q3
DQ
/CAS latency = 2
Hi-Z
Q1
Q2
Q3
DQ
/CAS latency = 3
Hi-Z
BST
Burst Termination in READ Cycle
Remark: BST: Burst stop command
Burst Termination in WRITE Cycle
During a write cycle, when the burst stop command is issued, the burst write data are terminated and data bus goes
to High-Z at the same clock with the burst stop command.
D2
D3
D4
WRITE
DQ
Command
CLK
T0
T2
T1
T3
T4
T5
T6
T7
Burst length = X
BST
Hi-Z
D1
Burst Termination in WRITE Cycle
Remark: BST: Burst stop command


Similar Part No. - EDL5132CBMA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Elpida Memory
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216AASA-75-E ELPIDA-EDL1216AASA-75-E Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CASA-10-E ELPIDA-EDL1216CASA-10-E Datasheet
467Kb / 59P
   128M bits Mobile RAM
More results

Similar Description - EDL5132CBMA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS1616AGTA ELPIDA-EDS1616AGTA Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com