Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2516AKTA-E Datasheet(PDF) 2 Page - Elpida Memory

Part No. EDD2516AKTA-E
Description  256M bits DDR SDRAM (16M words x 16 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-E Datasheet(HTML) 2 Page - Elpida Memory

  EDD2516AKTA-E Datasheet HTML 1Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 2Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 3Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 4Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 5Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 6Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 7Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
EDD2516AKTA-E
Data Sheet E0502E30 (Ver. 3.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
banks
Data rate
Mbps (max.)
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDD2516AKTA-6B-E
EDD2516AKTA-7A-E
EDD2516AKTA-7B-E
K
16M
× 16
4
333
266
266
DDR-333B (2.5-3-3)
DDR-266A (2-3-3)
DDR-266B (2.5-3-3)
66-pin Plastic
TSOP (II)
Part Number
Elpida Memory
Density / Bank
25: 256M / 4-bank
Organization
16: x16
Power Supply, Interface
A: 2.5V, SSTL_2
Die Rev.
Package
TA: TSOP (II)
Speed
6B: DDR333B (2.5-3-3)
7A: DDR266A (2-3-3)
7B: DDR266B (2.5-3-3)
Product Family
D: DDR SDRAM
Type
D: Monolithic Device
E D D 25 16 A K TA - 6B - E
Environment Code
E: Lead Free


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn