Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2516AKTA-5-E Datasheet(PDF) 12 Page - Elpida Memory

Part # EDD2516AKTA-5-E
Description  256M bits DDR SDRAM (16M words x16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-5-E Datasheet(HTML) 12 Page - Elpida Memory

Back Button EDD2516AKTA-5-E Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 9Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 10Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 11Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 12Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 13Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 14Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 15Page - Elpida Memory EDD2516AKTA-5-E Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
EDD2516AKTA-5-E
Data Sheet E0638E20 (Ver. 2.0)
12
CKE (input pin)
This pin determines whether or not the next CK is valid. If CKE is High, the next CK rising edge is valid. If CKE is
Low. CKE controls power down and self-refresh. The power down and the self-refresh commands are entered
when the CKE is driven Low and exited when it resumes to High. CKE must be maintained high throughout read or
write access.
The CKE level must be kept for 1 CK cycle at least, that is, if CKE changes at the cross point of the CK rising edge
and the /CK falling edge with proper setup time tIS, by the next CK rising edge CKE level must be kept with proper
hold time tIH.
UDM, LDM (input pin)
DMs are the reference signals of the data input mask function. DMs are sampled at the cross point of DQS and
VREF. DMs provide the byte mask function. In
× 16 products, LDM controls the lower byte (DQ0 to DQ7) and UDM
controls the upper byte (DQ8 to DQ15) of write data. When DM = High, the data input at the same timing are
masked while the internal burst counter will be count up.
DQ0 to DQ15 (input/output pins)
Data is input to and output from these pins.
UDQS, LDQS (input and output pin)
DQS provide the read data strobes (as output) and the write data strobes (as input). In
×16 products, LDQS is the
lower byte (DQ0 to DQ7) data strobe signal, UDQS is the upper byte (DQ8 to DQ15) data strobe signal.
VDD, VSS, VDDQ, VSSQ (Power supply)
VDD and VSS are power supply pins for internal circuits. VDDQ and VSSQ are power supply pins for the output
buffers.


Similar Part No. - EDD2516AKTA-5-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5C ELPIDA-EDD2516AKTA-5C Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD2516AKTA-5-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com