Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2516AKTA-5-E Datasheet(PDF) 1 Page - Elpida Memory

Part No. EDD2516AKTA-5-E
Description  256M bits DDR SDRAM (16M words x16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo 

EDD2516AKTA-5-E Datasheet(HTML) 1 Page - Elpida Memory

 
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Document No. E0638E20 (Ver. 2.0)
Date Published September 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2005
DATA SHEET
256M bits DDR SDRAM
EDD2516AKTA-5-E (16M words
× 16 bits, DDR400)
Description
The EDD2516AKTA-5 is a 256M bits DDR SDRAM
organized as 4,194,304 words
× 16 bits × 4 banks.
Read and write operations are performed at the cross
points of the CK and the /CK. This high-speed data
transfer is realized by the 2 bits prefetch-pipelined
architecture.
Data strobe (DQS) both for read and
write are available for high speed and reliable data bus
design. By setting extended mode register, the on-chip
Delay Locked Loop (DLL) can be set enable or disable.
It is packaged in 66-pin plastic TSOP (II).
Features
• Power supply: VDD, VDDQ = 2.6V ± 0.1V
• Data rate: 400Mbps (max.)
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional data strobe (DQS) is transmitted
/received with data for capturing data at the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• SSTL_2 compatible I/O
• Programmable burst length (BL): 2, 4, 8
• Programmable /CAS latency (CL): 3
• Programmable output driver strength: normal/weak
• Refresh cycles: 8192 refresh cycles/64ms
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh
• TSOP (II) package with lead free solder (Sn-Bi)
 RoHS compliant
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
(Top view)
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A12
BA0, BA1
DQ0 to DQ15
UDQS/LDQS
/CS
/RAS
/CAS
/WE
UDM/LDM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
66-pin Plastic TSOP(II)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn