![]() |
Electronic Components Datasheet Search |
|
EDD2508AKTA-5 Datasheet(PDF) 24 Page - Elpida Memory |
|
EDD2508AKTA-5 Datasheet(HTML) 24 Page - Elpida Memory |
24 / 48 page ![]() EDD2508AKTA-5 Preliminary Data Sheet E0349E60 (Ver. 6.0) 24 CK /CK VTT VTT DQS DQ CL = 3 Command t0 t0.5 t1 t1.5 t2 t2.5 t3 t3.5 t4 t4.5 t5 t5.5 out0 out1 out2 out3 tRPST tAC,tDQSCK READ NOP tRPRE Read Operation (/CAS Latency) Write operation The burst length (BL) and the burst type (BT) of the mode register are referred when a write command is issued. The burst length (BL) determines the length of a sequential data input by the write command that can be set to 2, 4, or 8. The latency from write command to data input is fixed to 1. The starting address of the burst read is defined by the column address, the bank select address which are loaded via the A0 to A12, BA0 to BA1 pins in the cycle when the write command is issued. DQS should be input as the strobe for the input-data and DM as well during burst operation. tWPRE prior to the first rising edge of the DQS should be set to Low and tWPST after the last falling edge of the data strobe can be set to High-Z. The leading low period of DQS is referred as write preamble. The last low period of DQS is referred as write postamble. in1 in0 in1 in2 in3 in0 in1 in2 in3 in4 in5 in6 in7 CK /CK Address DQS DQ BL = 2 BL = 4 BL = 8 Command BL: Burst length t1 t0 tn tn+0.5 tn+1 tn+2 tn+3 tn+4 tn+5 in0 ACT NOP NOP NOP WRITE tWPRE tWPRES ;; ;;; ; ; Row Column tRCD tWPST Write Operation |