Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2508AKTA-5 Datasheet(PDF) 21 Page - Elpida Memory

Part No. EDD2508AKTA-5
Description  256M bits DDR SDRAM (32M words x 8 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2508AKTA-5 Datasheet(HTML) 21 Page - Elpida Memory

Back Button EDD2508AKTA-5 Datasheet HTML 17Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 18Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 19Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 20Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 21Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 22Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 23Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 24Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 25Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
EDD2508AKTA-5
Preliminary Data Sheet E0349E60 (Ver. 6.0)
21
Operation of the DDR SDRAM
Power-up Sequence
(1) Apply power and maintain CKE at an LVCMOS low state (all other inputs are undefined).
Apply VDD before or at the same time as VDDQ.
Apply VDDQ before or at the same time as VTT and VREF.
(2) Start clock and maintain stable condition for a minimum of 200 µs.
(3) After the minimum 200 µs of stable power and clock (CK, /CK), apply NOP and take CKE high.
(4) Issue precharge all command for the device.
(5) Issue EMRS to enable DLL.
(6) Issue a mode register set command (MRS) for "DLL reset" with bit A8 set to high (An additional 200 cycles of
clock input is required to lock the DLL after every DLL reset).
(7) Issue precharge all command for the device.
(8) Issue 2 or more auto-refresh commands.
(9) Issue a mode register set command to initialize device operation with bit A8 set to low in order to avoid resetting
the DLL.
Command
EMRS
PALL
MRS
REF
2 cycles (min.)
2 cycles (min.)
200 cycles (min)
2 cycles (min.)
2 cycles (min.)
tRP
tRFC
tRFC
PALL
MRS
REF
REF
Any
command
DLL enable
DLL reset with A8 = High
/CK
CK
(4)
(5)
(6)
(7)
(8)
(9)
Disable DLL reset with A8 = Low
Power-up Sequence after CKE Goes High
Mode Register and Extended Mode Register Set
There are two mode registers, the mode register and the extended mode register so as to define the operating
mode. Parameters are set to both through the A0 to the A12 and BA0, BA1 pins by the mode register set command
[MRS] or the extended mode register set command [EMRS]. The mode register and the extended mode register are
set by inputting signal via the A0 to the A12 and BA0, BA1 during mode register set cycles. BA0 and BA1 determine
which one of the mode register or the extended mode register are set. Prior to a read or a write operation, the mode
register must be set.
Remind that no other parameters shown in the table bellow are allowed to input to the registers.
A2 A1 A0
Burst Length
00
1
2
01
0
4
01
1
8
BT=0 BT=1
2
4
8
A3
0
Sequential
1
Interleave
Burst Type
A6 A5 A4 CAS Latency
011
3
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
00
0
0
DR
LMODE
BT
BL
A8
0No
1
Yes
DLL Reset
A11
A10
A12
BA1
0
BA0
0
MRS
Mode Register Set [MRS] (BA0 = 0, BA1 = 0)


Similar Part No. - EDD2508AKTA-5

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5B-E ELPIDA-EDD2508AKTA-5B-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5C-E ELPIDA-EDD2508AKTA-5C-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results

Similar Description - EDD2508AKTA-5

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz