Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2508AKTA-5 Datasheet(PDF) 14 Page - Elpida Memory

Part No. EDD2508AKTA-5
Description  256M bits DDR SDRAM (32M words x 8 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2508AKTA-5 Datasheet(HTML) 14 Page - Elpida Memory

Back Button EDD2508AKTA-5 Datasheet HTML 10Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 11Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 12Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 13Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 14Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 15Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 16Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 17Page - Elpida Memory EDD2508AKTA-5 Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
EDD2508AKTA-5
Preliminary Data Sheet E0349E60 (Ver. 6.0)
14
Row address strobe and bank activate [ACT]
This command activates the bank that is selected by BA0, BA1 and determines the row address (AX0 to AX12).
(See Bank Select Signal Table)
Precharge selected bank [PRE]
This command starts precharge operation for the bank selected by BA0, BA1. (See Bank Select Signal Table)
[Bank Select Signal Table]
BA0
BA1
Bank 0
L
L
Bank 1
H
L
Bank 2
L
H
Bank 3
H
H
Remark: H: VIH. L: VIL.
Precharge all banks [PALL]
This command starts a precharge operation for all banks.
Refresh [REF/SELF]
This command starts a refresh operation. There are two types of refresh operation, one is auto-refresh, and another
is self-refresh. For details, refer to the CKE truth table section.
Mode register set/Extended mode register set [MRS/EMRS]
The DDR SDRAM has the two mode registers, the mode register and the extended mode register, to defines how it
works. The both mode registers are set through the address pins (the A0 to the A12, BA0 to BA1) in the mode
register set cycle. For details, refer to "Mode register and extended mode register set".
CKE Truth Table
CKE
Current state
Command
n – 1
n
/CS
/RAS
/CAS
/WE
Address
Notes
Idle
Auto-refresh command (REF)
H
H
L
L
L
H
×
2
Idle
Self-refresh entry (SELF)
H
L
L
L
L
H
×
2
Idle
Power down entry (PDEN)
H
L
L
H
H
H
×
H
L
H
×
×
×
×
Self refresh
Self refresh exit (SELFX)
L
H
L
H
H
H
×
L
H
H
×
×
×
×
Power down
Power down exit (PDEX)
L
H
L
H
H
H
×
L
H
H
×
×
×
×
Remark:
H: VIH. L: VIL.
×: VIH or VIL.
Notes: 1. All the banks must be in IDLE before executing this command.
2. The CKE level must be kept for 1 CK cycle at least.


Similar Part No. - EDD2508AKTA-5

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5B-E ELPIDA-EDD2508AKTA-5B-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5C-E ELPIDA-EDD2508AKTA-5C-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results

Similar Description - EDD2508AKTA-5

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDD2504AKTA-E ELPIDA-EDD2504AKTA-E Datasheet
555Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz