Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2504AKTA-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EDD2504AKTA-E
Description  256M bits DDR SDRAM (64M words x 4 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2504AKTA-E Datasheet(HTML) 4 Page - Elpida Memory

  EDD2504AKTA-E Datasheet HTML 1Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 2Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 3Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 4Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 5Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 6Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 7Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 8Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
EDD2504AKTA-E
Data Sheet E0610E10 (Ver. 1.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 200 µs and then, execute power on sequence and CBR (Auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +3.6
V
Supply voltage relative to VSS
VDD
–1.0 to +3.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TA
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions (TA = 0 to +70
°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD,
VDDQ
2.3
2.5
2.7
V
1
VSS,
VSSQ
0
0
0
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
2
Input low voltage
VIL (DC)
–0.3
VREF – 0.15
V
3
Input voltage level,
CK and /CK inputs
VIN (DC)
–0.3
VDDQ + 0.3
V
4
Input differential cross point
voltage, CK and /CK inputs
VIX (DC)
0.5
× VDDQ − 0.2V 0.5 × VDDQ
0.5
× VDDQ + 0.2V V
Input differential voltage,
CK and /CK inputs
VID (DC)
0.36
VDDQ + 0.6
V
5, 6
Notes: 1. VDDQ must be lower than or equal to VDD.
2. VIH is allowed to exceed VDD up to 3.6V for the period shorter than or equal to 5ns.
3. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
4. VIN (DC) specifies the allowable DC execution of each differential input.
5. VID (DC) specifies the input differential voltage required for switching.
6. VIH (CK) min assumed over VREF + 0.18V, VIL (CK) max assumed under VREF – 0.18V if measurement.


Similar Part No. - EDD2504AKTA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AKTA-6B ELPIDA-EDD2504AKTA-6B Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7A ELPIDA-EDD2504AKTA-7A Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7B ELPIDA-EDD2504AKTA-7B Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
More results

Similar Description - EDD2504AKTA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com