Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2504AKTA-E Datasheet(PDF) 1 Page - Elpida Memory

Part No. EDD2504AKTA-E
Description  256M bits DDR SDRAM (64M words x 4 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo 

EDD2504AKTA-E Datasheet(HTML) 1 Page - Elpida Memory

 
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Document No. E0610E10 (Ver. 1.0)
Date Published November 2004 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2004
DATA SHEET
256M bits DDR SDRAM
EDD2504AKTA-E (64M words
× 4 bits)
Description
The EDD2504AKTA is a 256M bits Double Data Rate
(DDR) SDRAM organized as 16,777,216 words
× 4 bits
× 4 banks. Read and write operations are performed at
the cross points of the CK and the /CK. This high-
speed data transfer is realized by the 2 bits prefetch-
pipelined architecture.
Data strobe (DQS) both for
read and write are available for high speed and reliable
data bus design. By setting extended mode register,
the on-chip Delay Locked Loop (DLL) can be set
enable or disable.
It is packaged in 66-pin plastic
TSOP (II).
Features
• Power supply : VDDQ = 2.5V ± 0.2V
: VDD = 2.5V
± 0.2V
• Data rate: 333Mbps/266Mbps (max.)
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• SSTL_2 compatible I/O
• Programmable burst length (BL): 2, 4, 8
• Programmable /CAS latency (CL): 2, 2.5
• Programmable output driver strength: normal/weak
• Refresh cycles: 8192 refresh cycles/64ms
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh
• TSOP (II) package with lead free solder (Sn-Bi)
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
(Top view)
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A12
BA0, BA1
DQ0 to DQ3
DQS
/CS
/RAS
/CAS
/WE
DM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
66-pin Plastic TSOP(II)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn