Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2504AKTA-E Datasheet(PDF) 6 Page - Elpida Memory

Part No. EDD2504AKTA-E
Description  256M bits DDR SDRAM (64M words x 4 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2504AKTA-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD2504AKTA-E Datasheet HTML 2Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 3Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 4Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 5Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 6Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 7Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 8Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 9Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
EDD2504AKTA-E
Data Sheet E0610E10 (Ver. 1.0)
6
Pin Capacitance (TA = +25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CK, /CK
2.0
3.0
pF
1
CI2
All other input pins
2.0
3.0
pF
1
Delta input capacitance
Cdi1
CK, /CK
0.25
pF
1
Cdi2
All other input-only pins
0.5
pF
1
Data input/output capacitance
CI/O
DQ, DM, DQS
4.0
5
pF
1, 2,
Delta input/output capacitance
Cdio
DQ, DM, DQS
0.5
pF
1
Notes: 1. These parameters are measured on conditions:
f = 100MHz, VOUT = VDDQ/2,
∆VOUT = 0.2V,
TA = +25
°C.
2. DOUT circuits are disabled.
AC Characteristics (TA = 0 to +70
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
-6B
-7A
-7B
Parameter
Symbol
min.
max.
min.
max.
min.
max.
Unit
Notes
Clock cycle time
(CL = 2)
tCK
7.5
12
7.5
12
10
12
ns
10
(CL = 2.5)
tCK
6
12
7.5
12
7.5
12
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
min
(tCH, tCL)
min
(tCH, tCL)
tCK
DQ output access time from
CK, /CK
tAC
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS output access time from CK,
/CK
tDQSCK –0.6
0.6
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS to DQ skew
tDQSQ
0.45
0.5
0.5
ns
3
DQ/DQS output hold time from
DQS
tQH
tHP – tQHS —
tHP – tQHS —
tHP – tQHS —
ns
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
Data-out high-impedance time from
CK, /CK
tHZ
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
5, 11
Data-out low-impedance time from
CK, /CK
tLZ
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
6, 11
Read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.45
0.5
0.5
ns
8
DQ and DM input hold time
tDH
0.45
0.5
0.5
ns
8
DQ and DM input pulse width
tDIPW
1.75
1.75
1.75
ns
7
Write preamble setup time
tWPRES 0
0
0
ns
Write preamble
tWPRE
0.25
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
9
Write command to first DQS
latching transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK setup time tDSS
0.2
0.2
0.2
tCK
DQS falling edge hold time from
CK
tDSH
0.2
0.2
0.2
tCK
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn