Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2504AKTA-E Datasheet(PDF) 46 Page - Elpida Memory

Part # EDD2504AKTA-E
Description  256M bits DDR SDRAM (64M words x 4 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2504AKTA-E Datasheet(HTML) 46 Page - Elpida Memory

Back Button EDD2504AKTA-E Datasheet HTML 41Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 42Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 43Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 44Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 45Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 46Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 47Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 48Page - Elpida Memory EDD2504AKTA-E Datasheet HTML 49Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
EDD2504AKTA-E
Data Sheet E0610E10 (Ver. 1.0)
46
Package Drawing
66-pin Plastic TSOP (II)
Solder plating: Lead free (Sn-Bi)
0.10
0.65
66
34
133
22.22 ± 0.10
0 to 8
°
0.91 max.
0.17 to 0.32
0.60 ± 0.15
0.80
Nom
0.25
ECA-TS2-0029-01
Note: This dimension does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or
gate burrs shall not exceed 0.20mm per side.
A
PIN#1 ID
S
0.13 MS A B
Unit: mm
B
*1
S


Similar Part No. - EDD2504AKTA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AKTA-6B ELPIDA-EDD2504AKTA-6B Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7A ELPIDA-EDD2504AKTA-7A Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2504AKTA-7B ELPIDA-EDD2504AKTA-7B Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
More results

Similar Description - EDD2504AKTA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDS2516CDTA ELPIDA-EDS2516CDTA Datasheet
703Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com