Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDD2504AKTA Datasheet(PDF) 26 Page - Elpida Memory

Part No. EDD2504AKTA
Description  256M bits DDR SDRAM (64M words x 4 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2504AKTA Datasheet(HTML) 26 Page - Elpida Memory

Back Button EDD2504AKTA Datasheet HTML 22Page - Elpida Memory EDD2504AKTA Datasheet HTML 23Page - Elpida Memory EDD2504AKTA Datasheet HTML 24Page - Elpida Memory EDD2504AKTA Datasheet HTML 25Page - Elpida Memory EDD2504AKTA Datasheet HTML 26Page - Elpida Memory EDD2504AKTA Datasheet HTML 27Page - Elpida Memory EDD2504AKTA Datasheet HTML 28Page - Elpida Memory EDD2504AKTA Datasheet HTML 29Page - Elpida Memory EDD2504AKTA Datasheet HTML 30Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
EDD2504AKTA
Data Sheet E0457E10 (Ver. 1.0)
26
Auto Precharge
Read with auto-precharge
The precharge is automatically performed after completing a read operation. The precharge starts tRPD (BL/2)
cycle after READA command input. tRAP specification for READA allows a read command with auto precharge to be
issued to a bank that has been activated (opened) but has not yet satisfied the tRAS (min) specification. A column
command to the other active bank can be issued the next cycle after the last data output. Read with auto-precharge
command does not limit row commands execution for other bank. Refer to ‘Function truth table and related
note(Notes.*14).
out0
out1
out2
out3
CK
/CK
DQ
Command
tRP (min)
tRAP (min) = tRCD (min)
ACT
Note: Internal auto-precharge starts at the timing indicated by "
".
NOP
2 cycles (= BL/2)
READA
ACT
DQS
tAC,tDQSCK
tRPD
Read with auto-precharge
Write with auto-precharge
The precharge is automatically performed after completing a burst write operation. The precharge operation is
started (BL/ 2 + 3) cycles after WRITA command issued. A column command to the other banks can be issued the
next cycle after the internal precharge command issued. Write with auto-precharge command does not limit row
commands execution for other bank. Refer to the ‘Read with Auto-Precharge Enabled, Write with Auto-Precharge
Enabled’ section. Refer to ‘Function truth table and related note(Notes.*14)‘.
in1
in2
in3
in4
CK
/CK
DQ
Command
DM
tRAS (min)
tRCD (min)
tRP
DQS
ACT
WRITA
ACT
BL/2 + 3 cycles
Note: Internal auto-precharge starts at the timing indicated by "
".
BL = 4
NOP
NOP
Burst Write (BL = 4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn