Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1216AATA-5 Datasheet(PDF) 33 Page - Elpida Memory

Part # EDD1216AATA-5
Description  128M bits DDR SDRAM (8M words x 16 bits, DDR400)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1216AATA-5 Datasheet(HTML) 33 Page - Elpida Memory

Back Button EDD1216AATA-5 Datasheet HTML 29Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 30Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 31Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 32Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 33Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 34Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 35Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 36Page - Elpida Memory EDD1216AATA-5 Datasheet HTML 37Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
EDD1216AATA-5
Data Sheet E0443E40 (Ver. 4.0)
33
A Write command to the consecutive Read command interval: To interrupt the write operation
Destination row of the consecutive read
command
Bank
address
Row address State
Operation
1. Same
Same
ACTIVE
DM must be input 1 cycle prior to the read command input to prevent from being
written invalid data. In case, the read command is input in the next cycle of the
write command, DM is not necessary.
2. Same
Different
—*
1
3. Different
Any
ACTIVE
DM must be input 1 cycle prior to the read command input to prevent from being
written invalid data. In case, the read command is input in the next cycle of the
write command, DM is not necessary.
IDLE
—*
1
Note: 1. Precharge must be preceded to read command. Therefore read command can not interrupt the write
operation in this case.
WRITE to READ Command Interval (Same bank, same ROW address)
in0
in1
in2
out0 out1 out2 out3
CK
/CK
DM
DQ
Command
t1
t0
t2
t3
t4
t5
t6
t7
t8
BL = 4
CL = 3
DQS
Data masked
1 cycle
READ
NOP
WRIT
High-Z
High-Z
CL=3
[WRITE to READ delay = 1 clock cycle]


Similar Part No. - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-6B-E ELPIDA-EDD1216AATA-6B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7A-E ELPIDA-EDD1216AATA-7A-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-7B-E ELPIDA-EDD1216AATA-7B-E Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results

Similar Description - EDD1216AATA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD2508AKTA-5 ELPIDA-EDD2508AKTA-5 Datasheet
548Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com