Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1216AATA Datasheet(PDF) 17 Page - Elpida Memory

Part # EDD1216AATA
Description  128M bits DDR SDRAM (8M words x 16 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1216AATA Datasheet(HTML) 17 Page - Elpida Memory

Back Button EDD1216AATA Datasheet HTML 13Page - Elpida Memory EDD1216AATA Datasheet HTML 14Page - Elpida Memory EDD1216AATA Datasheet HTML 15Page - Elpida Memory EDD1216AATA Datasheet HTML 16Page - Elpida Memory EDD1216AATA Datasheet HTML 17Page - Elpida Memory EDD1216AATA Datasheet HTML 18Page - Elpida Memory EDD1216AATA Datasheet HTML 19Page - Elpida Memory EDD1216AATA Datasheet HTML 20Page - Elpida Memory EDD1216AATA Datasheet HTML 21Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
EDD1216AATA
Data Sheet E0444E40 (Ver. 4.0)
17
Current state
/CS
/RAS /CAS /WE
Address
Command
Operation
Next state
Write with auto-
pre-charge*
10
H
×
×
×
×
DESL
NOP
Precharging
L
H
H
H
×
NOP
NOP
Precharging
L
H
H
L
×
BST
ILLEGAL
L
H
L
H
BA, CA, A10
READ/READA
ILLEGAL*
14
L
H
L
L
BA, CA, A10
WRIT/WRIT A
ILLEGAL*
14
L
L
H
H
BA, RA
ACT
ILLEGAL*
11, 14
L
L
H
L
BA, A10
PRE, PALL
ILLEGAL*
11, 14
L
L
L
×
×
ILLEGAL
Remark: H: VIH. L: VIL.
×: VIH or VIL
Notes: 1. The DDR SDRAM is in "Precharging" state for tRP after precharge command is issued.
2. The DDR SDRAM reaches "IDLE" state tRP after precharge command is issued.
3. The DDR SDRAM is in "Refresh" state for tRFC after auto-refresh command is issued.
4. The DDR SDRAM is in "Activating" state for tRCD after ACT command is issued.
5. The DDR SDRAM is in "Active" state after "Activating" is completed.
6. The DDR SDRAM is in "READ" state until burst data have been output and DQ output circuits are turned
off.
7. The DDR SDRAM is in "READ with auto-precharge" from READA command until burst data has been
output and DQ output circuits are turned off.
8. The DDR SDRAM is in "WRITE" state from WRIT command to the last burst data are input.
9. The DDR SDRAM is in "Write recovering" for tWR after the last data are input.
10. The DDR SDRAM is in "Write with auto-precharge" until tWR after the last data has been input.
11. This command may be issued for other banks, depending on the state of the banks.
12. All banks must be in "IDLE".
13. Before executing a write command to stop the preceding burst read operation, BST command must be
issued.
14. The DDR SDRAM supports the concurrent auto-precharge feature, a read with auto-precharge enabled,or
a write with auto-precharge enabled, may be followed by any column command to other banks, as long as
that command does not interrupt the read or write data transfer, and all other related limitations apply.
(E.g. Conflict between READ data and WRITE data must be avoided.)
The minimum delay from a read or write command with auto precharge enabled, to a command to a
different bank, is summarized below.
From command
To command (different bank, non-
interrupting command)
Minimum delay
(Concurrent AP supported)
Units
Read w/AP
Read or Read w/AP
BL/2
tCK
Write or Write w/AP
CL(rounded up)+ (BL/2)
tCK
Precharge or Activate
1
tCK
Write w/AP
Read or Read w/AP
1 + (BL/2) + tWTR
tCK
Write or Write w/AP
BL/2
tCK
Precharge or Activate
1
tCK


Similar Part No. - EDD1216AATA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD1216AATA-5B-E ELPIDA-EDD1216AATA-5B-E Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDD1216AATA-5C-E ELPIDA-EDD1216AATA-5C-E Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
More results

Similar Description - EDD1216AATA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDD2516AKTA-E ELPIDA-EDD2516AKTA-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com