Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE52UD6AFSA Datasheet(PDF) 22 Page - Elpida Memory

Part # EBE52UD6AFSA
Description  512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE52UD6AFSA Datasheet(HTML) 22 Page - Elpida Memory

Back Button EBE52UD6AFSA Datasheet HTML 15Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 16Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 17Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 18Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 19Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 20Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 21Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 22Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 23Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
EBE52UD6AFSA
Data Sheet E0722E30 (Ver. 3.0)
22
CAUTION FOR HANDLING MEMORY MODULES
When handling or inserting memory modules, be sure not to touch any components on the modules, such as
the memory ICs, chip capacitors and chip resistors. It is necessary to avoid undue mechanical stress on
these components to prevent damaging them.
In particular, do not push module cover or drop the modules in order to protect from mechanical defects,
which would be electrical defects.
When re-packing memory modules, be sure the modules are not touching each other.
Modules in contact with other modules may cause excessive mechanical stress, which may damage the
modules.
MDE0202
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR MOS DEVICES
Exposing the MOS devices to a strong electric field can cause destruction of the gate
oxide and ultimately degrade the MOS devices operation. Steps must be taken to stop
generation of static electricity as much as possible, and quickly dissipate it, when once
it has occurred. Environmental control must be adequate. When it is dry, humidifier
should be used. It is recommended to avoid using insulators that easily build static
electricity. MOS devices must be stored and transported in an anti-static container,
static shielding bag or conductive material. All test and measurement tools including
work bench and floor should be grounded. The operator should be grounded using
wrist strap. MOS devices must not be touched with bare hands. Similar precautions
need to be taken for PW boards with semiconductor MOS devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS DEVICES
No connection for CMOS devices input pins can be a cause of malfunction. If no
connection is provided to the input pins, it is possible that an internal input level may be
generated due to noise, etc., hence causing malfunction. CMOS devices behave
differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed
high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected
to VDD or GND with a resistor, if it is considered to have a possibility of being an output
pin. The unused pins must be handled in accordance with the related specifications.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Power-on does not necessarily define initial status of MOS devices. Production process
of MOS does not define the initial operation status of the device. Immediately after the
power source is turned ON, the MOS devices with reset function have not yet been
initialized. Hence, power-on does not guarantee output pin levels, I/O settings or
contents of registers. MOS devices are not initialized until the reset signal is received.
Reset operation must be executed immediately after power-on for MOS devices having
reset function.
CME0107


Similar Part No. - EBE52UD6AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6ABSA ELPIDA-EBE52UD6ABSA Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6ABSA-4A-E ELPIDA-EBE52UD6ABSA-4A-E Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6ABSA-5C-E ELPIDA-EBE52UD6ABSA-5C-E Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
EBE52UD6AJUA-6E-E ELPIDA-EBE52UD6AJUA-6E-E Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
More results

Similar Description - EBE52UD6AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6ABSA ELPIDA-EBE52UD6ABSA Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBD52UD6ADSA-E ELPIDA-EBD52UD6ADSA-E Datasheet
213Kb / 19P
   512MB DDR SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBD52UC8AKDA ELPIDA-EBD52UC8AKDA Datasheet
199Kb / 19P
   512MB DDR SDRAM SO DIMM (64M words x 64 bits, 2 Ranks)
EBD52UD6ADSA ELPIDA-EBD52UD6ADSA Datasheet
253Kb / 19P
   512MB DDR SDRAM SO-(64M words x 64 bits, 2 Ranks)
EBD52UC8AKFA-5-E ELPIDA-EBD52UC8AKFA-5-E Datasheet
190Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBD52UC8AKFA-5 ELPIDA-EBD52UC8AKFA-5 Datasheet
152Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD52EC8AKFA-5 ELPIDA-EBD52EC8AKFA-5 Datasheet
179Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 72 bits, 2 Ranks)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com