Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBE51UD8AGFA Datasheet(PDF) 6 Page - Elpida Memory

Part No. EBE51UD8AGFA
Description  512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8AGFA Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE51UD8AGFA Datasheet HTML 2Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 3Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 4Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 5Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 6Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 7Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 8Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 9Page - Elpida Memory EBE51UD8AGFA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EBE51UD8AGFA
Data Sheet E0781E20 (Ver. 2.0)
6
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
-6E, -5C
0
0
1
0
1
1
0
1
2DH
45ns
-4A
0
0
1
0
1
0
0
0
28H
40ns
31
Module rank density
1
0
0
0
0
0
0
0
80H
512M bytes
32
Address and command setup time
before clock (tIS)
-6E
0
0
1
0
0
0
0
0
20H
0.20ns*
1
-5C
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-4A
0
0
1
1
0
1
0
1
35H
0.35ns*
1
33
Address and command hold time after
clock (tIH)
-6E
0
0
1
0
1
0
0
0
28H
0.28ns*
1
-5C
0
0
1
1
1
0
0
0
38H
0.38ns*
1
-4A
0
1
0
0
1
0
0
0
48H
0.48ns*
1
34
Data input setup time before clock
(tDS)
-6E, -5C
0
0
0
1
0
0
0
0
10H
0.10ns*
1
-4A
0
0
0
1
0
1
0
1
15H
0.15ns*
1
35
Data input hold time after clock (tDH)
-6E
0
0
0
1
1
0
0
0
18H
0.18ns*
1
-5C
0
0
1
0
0
0
1
1
23H
0.23ns*
1
-4A
0
0
1
0
1
0
0
0
28H
0.28ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
-6E, -5C
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
-4A
0
0
1
0
1
0
0
0
28H
10ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe characteristics 0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
0
0
0
0
0
0
0
0
00H
Undefined
41
Active command period (tRC)
-6E, -5C
0
0
1
1
1
1
0
0
3CH
60ns*
1
-4A
0
0
1
1
0
1
1
1
37H
55ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
0
1
0
0
1
69H
105ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-6E
0
0
0
1
1
0
0
0
18H
0.24ns*
1
-5C
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-4A
0
0
1
0
0
0
1
1
23H
0.35ns*
1
45
Data hold skew (tQHS)
-6E
0
0
1
0
0
0
1
0
22H
0.34ns*
1
-5C
0
0
1
0
1
0
0
0
28H
0.40ns*
1
-4A
0
0
1
0
1
1
0
1
2DH
0.45ns*
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn