Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBE51UD8AEFA-6 Datasheet(PDF) 17 Page - Elpida Memory

Part No. EBE51UD8AEFA-6
Description  512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8AEFA-6 Datasheet(HTML) 17 Page - Elpida Memory

Back Button EBE51UD8AEFA-6 Datasheet HTML 13Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 14Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 15Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 16Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 17Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 18Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 19Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 20Page - Elpida Memory EBE51UD8AEFA-6 Datasheet HTML 21Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
EBE51UD8AEFA-6
Data Sheet E0714E10 (Ver. 1.0)
17
ODT AC Electrical Characteristics (DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
max.
Unit
Notes
ODT turn-on delay
tAOND
2
2
tCK
ODT turn-on
tAON
tAC(min)
tAC(max)
+ 700
ps
1
ODT turn-on (power down mode)
tAONPD
tAC(min)
+ 2000
2tCK
+ tAC(max) + 1000
ps
ODT turn-off delay
tAOFD
2.5
2.5
tCK
ODT turn-off
tAOF
tAC(min)
tAC(max)
+ 600
ps
2
ODT turn-off (power down mode)
tAOFPD
tAC(min)
+ 2000
2.5tCK
+ tAC(max) + 1000
ps
ODT to power down entry latency
tANPD
3
3
tCK
ODT power down exit latency
tAXPD
8
8
tCK
Notes: 1. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on.
ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND.
2. ODT turn off time min is when the device starts to turn off ODT resistance.
ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD.
AC Input Test Conditions
Parameter
Symbol
Value
Unit
Notes
Input reference voltage
VREF
0.5
× VDDQ
V
1
Input signal maximum peak to peak swing
VSWING(max.)
1.0
V
1
Input signal maximum slew rate
SLEW
1.0
V/ns
2, 3
Notes: 1. Input waveform timing is referenced to the input signal crossing through the VREF level applied to the
device under test.
2. The input signal minimum slew rate is to be maintained over the range from VIL(DC) (max.) to VIH(AC)
(min.) for rising edges and the range from VIH(DC) (min.) to VIL(AC) (max.) for falling edges as shown in
the below figure.
3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive
transitions and VIH(AC) to VIL(AC) on the negative transitions.
VSWING(max.)
∆TR
∆TF
Start of falling edge input timing
Start of rising edge input timing
VIH (DC)(min.)
VIL (AC)(max.)
∆TF
Falling slew =
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
VIH (AC) min.
VIL (DC)(max.)
∆TR
Rising slew =
AC Input Test Signal Wave forms
VTT
Measurement point
DQ
RT =25
Output Load


Similar Part No. - EBE51UD8AEFA-6

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBE51UD8AEFA-4A-E ELPIDA-EBE51UD8AEFA-4A-E Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-5C-E ELPIDA-EBE51UD8AEFA-5C-E Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results

Similar Description - EBE51UD8AEFA-6

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz