Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBE51RD8ABFA Datasheet(PDF) 8 Page - Elpida Memory

Part No. EBE51RD8ABFA
Description  512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8ABFA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE51RD8ABFA Datasheet HTML 4Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 5Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 6Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 7Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 8Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 9Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 10Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 11Page - Elpida Memory EBE51RD8ABFA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
EBE51RD8ABFA
Data Sheet E0402E40 (Ver. 4.0)
8
Block Diagram
DM0/DQS9
/DQS0
DQ0 to DQ7
8
D1
/RCS0
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS0
RS
RS
DQ8 to DQ15
8
RS
DQS1
RS
/DQS1
RS
/DQS
D0
NU/
/RDQS
DQS
DM/
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS9
RS
DM/
RDQS
NU/
/RDQS
RS
DM0/DQS10
/DQS10
DM2/DQS11
/DQS2
DQ16 to DQ23
8
D3
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS2
RS
RS1
DQ24 to DQ31
8
RS
DQS3
RS
/DQS3
RS
/DQS
D2
NU/
/RDQS
DQS
DM/
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS11
RS
DM/
RDQS
NU/
/RDQS
RS
DM3/DQS12
/DQS12
DM4/DQS13
/DQS4
DQ32 to DQ39
8
D5
/CS DQS
DQ0
to DQ7
RS
RS
RS
DQS4
RS
RS
DQ40 to DQ47
8
RS
DQS5
RS
/DQS5
RS
/DQS
D4
NU/
/RDQS
DQS
DM,
RDQS
DQ0
to DQ7
/DQS
/CS
/DQS13
RS
DM/
/RDQS
NU/
/RDQS
RS
DM5/DQS14
/DQS14
DM0/DQS15
/DQS6
DQ48 to DQ55
8
D7
/CSDQS
DQ0
to DQ7
RS
RS
RS
DQS6
RS
RS
DQ56 to DQ63
8
RS
DQS7
RS
/DQS7
RS
/DQS
D6
NU/
/RDQS
DQS
DM/
/RDQS
DQ0
to DQ7
/DQS
/CS
/DQS15
RS
DM/
/RDQS
NU/
/RDQS
RS
DM0/DQS16
/DQS16
D8
/CS DQS
DQ0
to DQ7
RS
CB0 to CB7
8
RS
DQS8
RS
/DQS8
RS
/DQS
DM/
/RDQS
NU/
/RDQS
RS
DM0/DQS17
/DQS17
RS
RS
RS
RS
RS
RS
RS
/CS0*2
BA0 to BA1
A0 to A13
/RAS
/CAS
CKE0
/WE
ODT0
/RCS0 -> /CS: SDRAMs D0 to D8
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D8
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D8
/RRAS -> /RAS: SDRAMs D0 to D8
/RCAS -> /CAS: SDRAMs D0 to D8
RCKE0 -> CKE: SDRAMs D0 to D8
/RWE -> /WE: SDRAMs D0 to D8
RODT0 -> ODT0: SDRAMs D0 to D8
R
E
G
I
S
T
E
R
/PCK7
/RESET
RS
/RST
PCK7
Notes:
1. DQ wiring may be changed within a byte.
2. /CS0 connects to D/CS and VDD connects to /CSR on register.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D8
/PCK0 to /PCK6, /PCK8, /PCK9 -> /CK: SDRAMs D0 to D8
PCK7 -> CK:
register
/PCK7 -> /CK:
register
D0 to D8: 512M bits DDR2 SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CU877
Register: SSTU32864
Serial PD
D0 to D8
D0 to D8
D0 to D8
VDDSPD
VSS
VREF
VDD
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP


Similar Part No. - EBE51RD8ABFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6E-E ELPIDA-EBE51RD8AEFA-6E-E Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51RD8ABFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz