Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBE21RD4AGFA Datasheet(PDF) 2 Page - Elpida Memory

Part No. EBE21RD4AGFA
Description  2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21RD4AGFA Datasheet(HTML) 2 Page - Elpida Memory

  EBE21RD4AGFA Datasheet HTML 1Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 2Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 3Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 4Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 5Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 6Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 7Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 8Page - Elpida Memory EBE21RD4AGFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
EBE21RD4AGFA
Data Sheet E0794E20 (Ver. 2.0)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin*
1
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBE21RD4AGFA-6E-E
667
DDR2-667 (5-5-5)
EDE5104AGSE-6E-E
EBE21RD4AGFA-5C-E
533
DDR2-533 (4-4-4)
EDE5104AGSE-6E-E
EDE5104AGSE-5C-E
EBE21RD4AGFA-4A-E
400
DDR2-400 (3-3-3)
240-pin DIMM
(lead-free)
Gold
EDE5104AGSE-6E-E
EDE5104AGSE-5C-E
EDE5104AGSE-4A-E
Note: 1. Module /CAS latency = component CL + 1.
Pin Configurations
1 pin
Front side
Back side
64 pin 65 pin
120 pin
121 pin
184 pin 185 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
61
A4
121
VSS
181
VDD
2
VSS
62
VDD
122
DQ4
182
A3
3
DQ0
63
A2
123
DQ5
183
A1
4
DQ1
64
VDD
124
VSS
184
VDD
5
VSS
65
VSS
125
DQS9
185
CK0
6
/DQS0
66
VSS
126
/DQS9
186
/CK0
7
DQS0
67
VDD
127
VSS
187
VDD
8
VSS
68
NC/Par
_In
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DQS10
194
VDD
15
/DQS1
75
VDD
135
/DQS10
195
ODT0
16
DQS1
76
/CS1
136
VSS
196
A13
17
VSS
77
ODT1
137
NC
197
VDD
18
/RESET
78
VDD
138
NC
198
VSS
19
NC
79
VSS
139
VSS
199
DQ36
20
VSS
80
DQ32
140
DQ14
200
DQ37
21
DQ10
81
DQ33
141
DQ15
201
VSS
22
DQ11
82
VSS
142
VSS
202
DQS13
23
VSS
83
/DQS4
143
DQ20
203
/DQS13
24
DQ16
84
DQS4
144
DQ21
204
VSS
25
DQ17
85
VSS
145
VSS
205
DQ38


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn