Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11UD8AEFA-6 Datasheet(PDF) 14 Page - Elpida Memory

Part # EBE11UD8AEFA-6
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11UD8AEFA-6 Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBE11UD8AEFA-6 Datasheet HTML 10Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 11Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 12Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 13Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 14Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 15Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 16Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 17Page - Elpida Memory EBE11UD8AEFA-6 Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
EBE11UD8AEFA-6
Data Sheet E0721E10 (Ver. 1.0)
14
ODT DC Electrical Characteristics (TC = 0°C to +85
°C, VDD, VDDQ = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Note
Rtt effective impedance value for EMRS (A6, A2)
= 0, 1; 75 Ω
Rtt1(eff)
60
75
90
1
Rtt effective impedance value for EMRS (A6, A2)
= 1, 0; 150 Ω
Rtt2(eff)
120
150
180
1
Rtt effective impedance value for EMRS (A6, A2)
= 1, 1; 50 Ω
Rtt3(eff)
40
50
60
1
Deviation of VM with respect to VDDQ/2
∆VM
−6
+6
%
1
Note: 1. Test condition for Rtt measurements.
Measurement Definition for Rtt(eff)
Apply VIH (AC) and VIL (AC) to test pin separately, then measure current I(VIH(AC)) and I(VIL(AC)) respectively.
VIH(AC), and VDDQ values defined in SSTL
_18.
VIH(AC)
− VIL(AC)
I(VIH(AC))
− I(VIL(AC))
Rtt(eff) =
Measurement Definition for
∆VM
Measure voltage (VM) at test pin (midpoint) with no load.
2
× VM
VDDQ
∆VM =
× 100%
− 1
OCD Default Characteristics (TC = 0°C to +85
°C, VDD, VDDQ = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
min.
typ.
max.
Unit
Notes
Output impedance
12.6
18
23.4
1
Pull-up and pull-down mismatch
0
4
1, 2
Output slew rate
1.5
5
V/ns
3, 4
Notes: 1. Impedance measurement condition for output source DC current: VDDQ = 1.7V; VOUT = 1420mV;
(VOUT
−VDDQ)/IOH must be less than 23.4Ω for values of VOUT between VDDQ and VDDQ−280mV.
Impedance measurement condition for output sink DC current: VDDQ = 1.7V; VOUT = 280mV;
VOUT/IOL must be less than 23.4
Ω for values of VOUT between 0V and 280mV.
2. Mismatch is absolute value between pull up and pull down, both are measured at same temperature and
voltage.
3. Slew rate measured from VIL(AC) to VIH(AC).
4. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate
as measured from AC to AC. This is guaranteed by design and characterization.


Similar Part No. - EBE11UD8AEFA-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AEFA-4A-E ELPIDA-EBE11UD8AEFA-4A-E Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-5C-E ELPIDA-EBE11UD8AEFA-5C-E Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
More results

Similar Description - EBE11UD8AEFA-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com